Electronic Components Datasheet Search
  English  ▼

X  

MAX6621 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6621
Description  PECI-to-I2C Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6621 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6621 Datasheet HTML 2Page - Maxim Integrated Products MAX6621 Datasheet HTML 3Page - Maxim Integrated Products MAX6621 Datasheet HTML 4Page - Maxim Integrated Products MAX6621 Datasheet HTML 5Page - Maxim Integrated Products MAX6621 Datasheet HTML 6Page - Maxim Integrated Products MAX6621 Datasheet HTML 7Page - Maxim Integrated Products MAX6621 Datasheet HTML 8Page - Maxim Integrated Products MAX6621 Datasheet HTML 9Page - Maxim Integrated Products MAX6621 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PECI-to-I2C Translator
6
_______________________________________________________________________________________
Configuration
The MAX6621 has four configuration registers (Table 1).
CONFIG0 is the main configuration register that enables
the PECI sockets, I2C bus timeout, PEC, alert activation,
and polling delay. CONFIG1 sets the number of retries,
CONFIG2 sets the temperature offset, and CONFIG3
controls the temperature averaging. You can write to
the configuration registers to set the configuration or
read from the configuration registers to get the current
settings.
Detailed Description
The MAX6621 obtains temperature data from an inter-
nal temperature sensor in PECI-compliant hosts. Up to
four PECI hosts can be connected to the PECI I/O inter-
face. The MAX6621 handles all the PECI transmissions
and uses a 2-wire, I2C-compatible serial interface to
communicate with the PECI host.
Registers and Commands
The following is an overview of the I2C/SMBus regis-
ters/commands supported by the MAX6621.
ADDRESS
DESCRIPTION
TRANSACTION TYPE
00h
Read socket 0, domain 0 temperature register
ReadWord
01h
Read socket 0, domain 1 temperature register
ReadWord
02h
Read socket 1, domain 0 temperature register
ReadWord
03h
Read socket 1, domain 1 temperature register
ReadWord
04h
Read socket 2, domain 0 temperature register
ReadWord
05h
Read socket 2, domain 1 temperature register
ReadWord
06h
Read socket 3, domain 0 temperature register
ReadWord
07h
Read socket 3, domain 1 temperature register
ReadWord
08h
Read maximum temperature for all enabled sockets/domains register
ReadWord
09h
Read firmware version register
ReadWord
0Ah
Read maximum temperature address
ReadWord
0Bh
Read socket and domain that caused alert
ReadWord
0Ch
Read/write CONFIG0 register
ReadWord/WriteWord
0Dh
Read/write CONFIG1 register
ReadWord/WriteWord
0Eh
Read/write CONFIG2 register
ReadWord/WriteWord
0Fh
Read/write CONFIG3 register
ReadWord/WriteWord
10h
Read/write alert temperature for socket 0
ReadWord/WriteWord
11h
Read/write alert temperature for socket 1
ReadWord/WriteWord
12h
Read/write alert temperature for socket 2
ReadWord/WriteWord
13h
Read/write alert temperature for socket 3
ReadWord/WriteWord
14h
Request polling
SendByte
15h
Clear alert
SendByte
COMMAND BYTE
REGISTER DESCRIPTION
TYPE
RESULT
0Ch
CONFIG0 register
ReadWord/WriteWord
See the CONFIG0 section.
0Dh
CONFIG1 register
ReadWord/WriteWord
See the CONFIG1 section.
0Eh
CONFIG2 register
ReadWord/WriteWord
See the CONFIG2 section.
0Fh
CONFIG3 register
ReadWord/WriteWord
See the CONFIG3 section.
Table 1. Configuration Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com