Electronic Components Datasheet Search
  English  ▼

X  

MAX6621 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6621
Description  PECI-to-I2C Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6621 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6621 Datasheet HTML 1Page - Maxim Integrated Products MAX6621 Datasheet HTML 2Page - Maxim Integrated Products MAX6621 Datasheet HTML 3Page - Maxim Integrated Products MAX6621 Datasheet HTML 4Page - Maxim Integrated Products MAX6621 Datasheet HTML 5Page - Maxim Integrated Products MAX6621 Datasheet HTML 6Page - Maxim Integrated Products MAX6621 Datasheet HTML 7Page - Maxim Integrated Products MAX6621 Datasheet HTML 8Page - Maxim Integrated Products MAX6621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Pin Description
PIN
NAME
FUNCTION
1
PECI
Platform Environment Control Interface (PECI) Serial-Bus Input/Output
2
AGND
Analog Ground
3
AD0
I2C Bus Device Address Selection Input
4
SDA
I2C Bus Data Input/Output
5
SCL
I2C Bus Clock Input/Output
6VCC
Power Supply. Bypass to GND with a 0.1μF capacitor.
7
GND
Power-Supply Ground
8
RESET
I2C Reset Input. Pull RESET low to reset I2C interface and default all registers to startup values.
Drive high for normal operation.
9
ALERT
ALERT Interrupt Open-Drain Output. Asserts low when any temperature exceeds the
programmed limit.
10
VREF
PECI Input Supply Voltage. Bypass VREF to AGND with a 0.1μF capacitor.
PECI-to-I2C Translator
_______________________________________________________________________________________
5
SDA
SCL
I2C
PORT
PECI
TRANSLATION
ENGINE
PECI
PORT
VREF
PECI
ALERT
RESET
AD0
MAX6621
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com