Electronic Components Datasheet Search
  English  ▼

X  

MAX6621 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6621
Description  PECI-to-I2C Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6621 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6621 Datasheet HTML 1Page - Maxim Integrated Products MAX6621 Datasheet HTML 2Page - Maxim Integrated Products MAX6621 Datasheet HTML 3Page - Maxim Integrated Products MAX6621 Datasheet HTML 4Page - Maxim Integrated Products MAX6621 Datasheet HTML 5Page - Maxim Integrated Products MAX6621 Datasheet HTML 6Page - Maxim Integrated Products MAX6621 Datasheet HTML 7Page - Maxim Integrated Products MAX6621 Datasheet HTML 8Page - Maxim Integrated Products MAX6621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PECI-to-I2C Translator
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(
Typical Application Circuit, VCC = +3V to +3.6V, VREF = +0.95V to +1.26V, TA = -20°C to +120°C, unless otherwise noted. Typical
values are at VCC = +3.3V, VREF = +1.0V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Hysteresis
VH
0.1
x VREF
V
Low-Level Sinking Current
IIL
0.5
1.0
mA
High-Level Sourcing Current
IIH
-6
mA
Input Capacitance
CI
(Note 2)
10
pF
Signal-Noise Immunity Above
300MHz
VN
(Note 2)
0.1
x VREF
VP-P
TIMING CHARACTERISTICS
(
Typical Application Circuit, VCC = +3V to +3.6V, VREF = +0.95V to +1.26V, TA = -20°C to +120°C, unless otherwise noted. Typical
values are at VCC = +3.3V, VREF = +1.0V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET Pulse Width
RST
100
ns
I2C INTERFACE
Serial-Clock Frequency
fSCL
400
kHz
Bus Free Time Between a
STOP and a START Condition
tBUF
1.3
μs
Hold Time, (Repeated) START
Condition
tHD, STA
0.6
μs
Repeated START Condition
Setup Time
tSU, STA
0.6
μs
STOP Condition Setup Time
tSU, STO
0.6
μs
Data Hold Time
tHD, DAT
(Note 3)
0.9
μs
Data Setup Time
tSU, DAT
120
ns
SCL Clock-Low Period
tLOW
1.3
μs
SCL Clock-High Period
tHIGH
0.6
μs
Rise Time of Both SDA and
SCL Signals, Receiving
tR
(Notes 4, 5)
20
+ 0.1Cb
300
ns
Fall Time of Both SDA and
SCL Signals, Receiving
tF
(Notes 4, 5)
20
+ 0.1Cb
300
ns
Fall Time of SDA Transmitting
tF.TX
(Notes 4, 5)
20
+ 0.1Cb
250
ns
Pulse Width of Spike
Suppressed
tSP
(Note 6)
50
160
ns
Capacitive Load for Each
Bus Line
Cb
(Note 4)
400
pF
PECI INTERFACE
Overall time evident on PECI
0.495
500
Bit Time (Note 7)
tBIT
Driven by MAX6621
0.495
250
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com