Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 35Page - Texas Instruments DAC3282 Datasheet HTML 36Page - Texas Instruments DAC3282 Datasheet HTML 37Page - Texas Instruments DAC3282 Datasheet HTML 38Page - Texas Instruments DAC3282 Datasheet HTML 39Page - Texas Instruments DAC3282 Datasheet HTML 40Page - Texas Instruments DAC3282 Datasheet HTML 41Page - Texas Instruments DAC3282 Datasheet HTML 42Page - Texas Instruments DAC3282 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DAC3282
www.ti.com
SLAS646 – DECEMBER 2009
DAC TRANSFER FUNCTION
The CMOS DAC’s consist of a segmented array of NMOS current sinks, capable of sinking a full-scale output
current up to 20 mA. Differential current switches direct the current to either one of the complementary output
nodes IOUT1 or IOUT2. (DACA = IOUTA1 or IOUTA2 and DACB = IOUTB1 or IOUTB2.) Complementary output
currents enable differential operation, thus canceling out common mode noise sources (digital feed-through,
on-chip and PCB noise), dc offsets, even order distortion components, and increasing signal output power by a
factor of two.
The full-scale output current is set using external resistor RBIAS in combination with an on-chip bandgap voltage
reference source (+1.2V) and control amplifier. Current IBIAS through resistor RBIAS is mirrored internally to
provide a maximum full-scale output current equal to 16 times IBIAS.
The relation between IOUT1 and IOUT2 can be expressed as:
IOUT1 = – IOUTFS – IOUT2
We will denote current flowing into a node as – current and current flowing out of a node as + current. Since the
output stage is a current sink the current can only flow from AVDD into the IOUT1 and IOUT2 pins. The output
current flow in each pin driving a resistive load can be expressed as:
IOUT1 = IOUTFS × (65535 – CODE) / 65536
IOUT2 = IOUTFS × CODE / 65536
where CODE is the decimal representation of the DAC data input word.
For the case where IOUT1 and IOUT2 drive resistor loads RL directly, this translates into single ended voltages
at IOUT1 and IOUT2:
VOUT1 = AVDD – | IOUT1 | × RL
VOUT2 = AVDD – | IOUT2 | × RL
Assuming that the data is full scale (65536 in offset binary notation) and the RL is 25 Ω, the differential voltage
between pins IOUT1 and IOUT2 can be expressed as:
VOUT1 = AVDD – | –0mA | × 25
Ω = 3.3 V
VOUT2 = AVDD – | –20mA | × 25
Ω = 2.8 V
VDIFF = VOUT1 – VOUT2 = 0.5V
Note that care should be taken not to exceed the compliance voltages at node IOUT1 and IOUT2, which would
lead to increased signal distortion.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com