Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 5Page - Texas Instruments DAC3282 Datasheet HTML 6Page - Texas Instruments DAC3282 Datasheet HTML 7Page - Texas Instruments DAC3282 Datasheet HTML 8Page - Texas Instruments DAC3282 Datasheet HTML 9Page - Texas Instruments DAC3282 Datasheet HTML 10Page - Texas Instruments DAC3282 Datasheet HTML 11Page - Texas Instruments DAC3282 Datasheet HTML 12Page - Texas Instruments DAC3282 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
DAC3282
www.ti.com
SLAS646 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS – DIGITAL SPECIFICATIONS
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INTERFACE: D[7:0]P/N, DATACLKP/N, FRAMEP/N(1)
Byte-wide DDR format
fDATA
Input data rate
312.5
MSPS
DATACLK frequency = 625 MHz
1x Interpolation
1250
fBUS
Byte-wide LVDS data transfer rate
MSPS
2x Interpolation
1250
VA,B+
Logic high differential input voltage threshold
175
400
mV
VA,B–
Logic low differential input voltage threshold
–175
–400
mV
VCOM
Input Common Mode
1.0
1.2
2.0
V
ZT
Internal termination
85
110
135
Ω
CL
LVDS Input capacitance
2
pF
TIMING LVDS INPUTS: DATACLKP/N, double edge latching – See Figure 36
Setup time, D[7:0]P/N and FRAMEP/N, valid to
FRAMEP/N latched on rising edge of
ts(DATA)
0
ps
either edge of DATACLKP/N
DATACLKP/N only
Hold time, D[7:0]P/N and FRAMEP/N, valid
FRAMEP/N latched on rising edge of
th(DATA)
400
ps
after either edge of DATACLKP/N
DATACLKP/N only
t(FRAME)
FRAMEP/N pulse width
fDATACLK is DATACLK frequency in MHz
1/2fDATACLK
ns
Maximum offset between DATACLKP/N and
FIFO Bypass Mode only
1/2fDACCLK
t_align
ns
DACCLKP/N rising edges
fDACCLK is DACCLK frequency in MHz
–0.55
CLOCK INPUT (DACCLKP/N)
Duty cycle
40%
60%
Differential voltage(2)
0.4
1.0
V
DACCLKP/N Input Frequency
625
MHz
OUTPUT STROBE (OSTRP/N)
fOSTR = fDACCLK / (n × 8 × Interp) where n
fDACCLK /
fOSTR
Frequency
is any positive integer fDACCLK is DACCLK
MHz
(8 x interp)
frequency in MHz
Duty cycle
40%
60%
Differential voltage
0.4
1.0
V
TIMING OSTRP/N Input: DACCLKP/N rising edge latching
Setup time, OSTRP/N valid to rising edge of
ts(OSTR)
200
ps
DACCLKP/N
Hold time, OSTRP/N valid after rising edge of
th(OSTR)
200
ps
DACCLKP/N
CMOS INTERFACE: ALARM_SDO, SDIO, SCLK, SDENB, RESETB, TXENABLE
VIH
High-level input voltage
1.25
V
VIL
Low-level input voltage
0.54
V
IIH
High-level input current
–40
40
μA
IIL
Low-level input current
–40
40
μA
CI
CMOS Input capacitance
2
pF
SDO, SDIO
Iload = –100
μA
DIGVDD18 –0.2
V
VOH
SDO, SDIO
Iload = –2 mA
0.8 x DIGVDD18
V
SDO, SDIO
Iload = 100
μA
0.2
V
VOL
SDO, SDIO
Iload = 2 mA
0.5
V
SERIAL PORT TIMING – See Figure 32 and Figure 33
ts(SDENB)
Setup time, SDENB to rising edge of SCLK
20
ns
ts(SDIO)
Setup time, SDIO valid to rising edge of SCLK
10
ns
th(SDIO)
Hold time, SDIO valid to rising edge of SCLK
5
ns
Register CONFIG5 read (temperature
1
μs
sensor read)
t(SCLK)
Period of SCLK
All other registers
100
ns
(1)
See LVDS INPUTS section for terminology.
(2)
Driving the clock input with a differential voltage lower than 1 V will result in degraded performance.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com