Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 23Page - Texas Instruments DAC3282 Datasheet HTML 24Page - Texas Instruments DAC3282 Datasheet HTML 25Page - Texas Instruments DAC3282 Datasheet HTML 26Page - Texas Instruments DAC3282 Datasheet HTML 27Page - Texas Instruments DAC3282 Datasheet HTML 28Page - Texas Instruments DAC3282 Datasheet HTML 29Page - Texas Instruments DAC3282 Datasheet HTML 30Page - Texas Instruments DAC3282 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
DAC3282
www.ti.com
SLAS646 – DECEMBER 2009
Register name: CONFIG23 – Address: 0x27, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG23
0x17
7:3
qmc_offsetb(12:8) Upper 5 bits of the DAC B offset correction.
00000
2
sif4_ena
When asserted the SIF interface becomes a 4 pin interface. The
0
ALARM_SDO pin is turned into a dedicated output for the reading of
data.
1
clkpath_sleep_a
When asserted puts the clock path through DAC A to sleep. This is
0
useful for sleeping individual DACs. Even if the DAC is asleep the clock
needs to pass through it for the logic to work. However, if the chip is
being put into a power down mode, then all parts of the DAC can be
turned off.
0
clkpath_sleep_b
When asserted puts the clock path through DAC B to sleep.
0
Register name: CONFIG24 – Address: 0x18, Default: 0x83
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG24
0x18
7
tsense_ena
Turns on the temperature sensor when asserted.
1
6
clkrecv_sleep
When asserted the clock input receiver gets put into sleep mode.
0
This also affects the OSTR receiver.
5
Unused
Reserved for factory use.
0
4
Reserved
Reserved for factory use.
0
3
sleepb
When asserted DACB is put into sleep mode.
0
2
sleepa
When asserted DACA is put into sleep mode.
0
1
Reserved
Reserved for factory use.
1
0
Reserved
Reserved for factory use.
1
Register name: CONFIG25 – Address: 0x19, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG25
0x19
7:3
Reserved
Reserved for factory use.
00000
2
extref_ena
Allows the device to use an external reference or the internal
0
reference. (0=internal, 1=external)
1
Reserved
Reserved for factory use.
0
0
Reserved
Reserved for factory use.
0
Register name: CONFIG26 – Address: 0x1A, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG26
0x1A
7
Unused
Reserved for factory use.
0
6
Unused
Reserved for factory use.
0
5
Unused
Reserved for factory use.
0
4
Unused
Reserved for factory use.
0
3
Unused
Reserved for factory use.
0
2:0
Reserved
Reserved for factory use.
000
Register name: CONFIG27 – Address: 0x1B, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG27
0x1B
7:0
Reserved
Reserved for factory use.
0x00
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com