Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 2 Page - Texas Instruments

  DAC3282 Datasheet HTML 1Page - Texas Instruments DAC3282 Datasheet HTML 2Page - Texas Instruments DAC3282 Datasheet HTML 3Page - Texas Instruments DAC3282 Datasheet HTML 4Page - Texas Instruments DAC3282 Datasheet HTML 5Page - Texas Instruments DAC3282 Datasheet HTML 6Page - Texas Instruments DAC3282 Datasheet HTML 7Page - Texas Instruments DAC3282 Datasheet HTML 8Page - Texas Instruments DAC3282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
16
16
x
sin(x)
x
sin(x)
x2
x2
1.2 V
Reference
16-b
DAC
16-b
DAC
ControlInterface
Temp
Sensor
ClockDistribution
A
gain
B
gain
FrameStrobe
EXTIO
BIASJ
IOUTA1
IOUTA2
IOUTB1
IOUTB2
DACCLKP
DACCLKN
DATACLKP
DATACLKN
D7P
D7N
D0P
D0N
FRAMEP
FRAMEN
OSTRP
OSTRN
A
offset
B
offset
AVDD33
LVPECL
LVDS
LVPECL
LVDS
LVDS
FIR0
FIR4
5 taps
59 taps
LVDS
DAC3282
SLAS646 – DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com