Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 9Page - Texas Instruments DAC3282 Datasheet HTML 10Page - Texas Instruments DAC3282 Datasheet HTML 11Page - Texas Instruments DAC3282 Datasheet HTML 12Page - Texas Instruments DAC3282 Datasheet HTML 13Page - Texas Instruments DAC3282 Datasheet HTML 14Page - Texas Instruments DAC3282 Datasheet HTML 15Page - Texas Instruments DAC3282 Datasheet HTML 16Page - Texas Instruments DAC3282 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
65
70
75
80
85
90
0
20
40
60
80
100
120
1xInterpolation
2xInterpolation
f
OUT -OutputFrequency-MHz
f
=312.5MSPS,
Tonesatf
±0.5MHz,
0dBFS,IOUTFS=20mA
DAC
OUT
50
55
60
65
70
75
80
85
90
95
0dBFS
-6dBFS
-12dBFS
0
50
100
150
200
250
f
OUT -OutputFrequency-MHz
f
=625MSPS,2xInterpolation,
Tonesatf
±0.5MHz,
IOUTFS=20mA
DAC
OUT
50
55
60
65
70
75
80
85
90
0
50
100
150
200
250
f
=200MSPS
DAC
f
=400MSPS
DAC
f
=600MSPS
DAC
2xInterpolation,
Tonesatf
±0.5MHz,
0dBFS,IOUTS=20mA
OUT
f
OUT -OutputFrequency-MHz
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
20mA
10mA
2mA
f
=625MSPS,2xInterpolation,
Tonesatf
±0.5MHz,0dBFS
DAC
OUT
f
OUT -OutputFrequency-MHz
DAC3282
www.ti.com
SLAS646 – DECEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 9. IMD3 vs Input Scale
Figure 10. IMD3 vs Interpolation
Figure 11. IMD3 vs fDAC
Figure 12. IMD3 vs IOUTFS
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com