Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 26Page - Texas Instruments DAC3282 Datasheet HTML 27Page - Texas Instruments DAC3282 Datasheet HTML 28Page - Texas Instruments DAC3282 Datasheet HTML 29Page - Texas Instruments DAC3282 Datasheet HTML 30Page - Texas Instruments DAC3282 Datasheet HTML 31Page - Texas Instruments DAC3282 Datasheet HTML 32Page - Texas Instruments DAC3282 Datasheet HTML 33Page - Texas Instruments DAC3282 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
I4[15:8]
I4[7:0]
Q4[15:8]
Q4[7:0]
Q3[7:0]
I5[7:0]
Q5[15:8]
Q5[7:0]
I5[15:8]
I6[7:0]
Q6[15:8]
I6[15:8]
Q6[7:0]
I7[15:8]
I7[7:0]
Q7[15:8]
Q3[15:8]
D[7:0]P/N
DATACLKP /N
(DDR)
FRAMEP/N
Resetswritepointertoposition 0
WriteI4[15:8](8-bits) to
DAConrisingedge
WriteI4[7:0](8-bits) to
DAConfallingedge
WriteQ4[15:8](8-bits) to
DAConrisingedge
WriteQ4[7:0](8-bits) to
DAConfallingedge
Writesample 4 toFIFO (32-bits)
ts(DATA)
th(DATA)
ts(DATA)
th(DATA)
ts(DATA)
th(DATA)
DAC3282
SLAS646 – DECEMBER 2009
www.ti.com
Figure 35. This offset gives optimal margin within the FIFO. The default read pointer location can be set to
another value using fifo_offset(2:0) in register CONFIG3. Under normal conditions data is written-to and
read-from the FIFO at the same rate and consequently the write and read pointer gap remains constant. If the
FIFO write and read rates are different, the corresponding pointers will be cycling at different speeds which could
result in pointer collision. Under this condition the FIFO attempts to read and write data from the same address at
the same time which will result in errors and thus must be avoided.
The FRAME signal besides acting as a frame indicator can also used to reset the FIFO pointers to their initial
location. Unlike Data, the FRAME signal is latched only on the rising edges of DATACLK. When a rising edge
occurs on FRAME, the pointers will return to their original position. The write pointer is always set back to
position 0 upon reset. The read pointer reset position is determined by fifo_offset (address 4 by default).
The reset can be done periodically or only once during initialization as the pointer automatically returns to the
initial position when the FIFO has been filled. To enable a single reset, fifo_reset_ena (CONFIG0, bit 5) must be
set to 0 after initialization.
Figure 36. FIFO Write Description
FIFO ALARMS
The FIFO only operates correctly when the write and read pointers are positioned properly. If either pointer over
or under runs the other, samples will be duplicated or skipped. To prevent this, register CONFIG7 can be used to
track three FIFO related alarms:
•
alarm_fifo_2away. Occurs when the pointers are within two addresses of each other.
•
alarm_fifo_1away. Occurs when the pointers are within one address of each other.
•
alarm_fifo_collision. Occurs when the pointers are equal to each other.
These three alarm events are generated asynchronously with respect to the clocks and can be accessed either
through CONFIG7 or through the ALARM_SDO pin.
FIFO MODES OF OPERATION
The DAC3282 FIFO can be completely bypassed through register CONFIG0. The register configuration for each
mode is described in Table 4.
Register
Control Bits
CONFIG0
fifo_ena, fifo_reset_ena, multi_sync_ena
Table 4. FIFO Operation Modes
CONFIG0 FIFO Bits
FIFO Mode
fifo_ena
fifo_reset_ena
multi_sync_ena
Enabled
1
1
1
Bypass
0
X
X
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com