Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1620 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Pad Description
Pad No.
Pad Name
I/O
Description
51, 1
CC1, CC2
I
External capacitor pin, for double voltage and half voltage circuit use
2
VO15N
O
Half voltage circuit output pin
3
VEE
¾
Double voltage circuit output pin
4~7
COM0~COM3
O
LCD common outputs
8~39
SEG0~SEG31
O
LCD segment outputs
40
CS
I
Chip selection input with pull-high resistor.
When the CS is logic high, the data and command, read from or written to the
HT1620 are disabled. The serial interface circuit is also reset. But if the CS is
at logic low level and is input to the CS pad, the data and command transmis-
sion between the host controller and the HT1620 are all enabled.
41
RD
I
READ clock input with pull-high resistor.
Data in the RAM of the HT1620 are clocked out on the falling edge of the RD
signal. The clocked out data will appear on the DATA line. The host controller
can use the next raising edge to latch the clocked out data.
42
WR
I
WRITE clock input with pull-high resistor.
Data on the DATA line are latched into the HT1620 on the rising edge of the
WR signal.
43
DATA
I/O
Serial data input/output with pull-high resistor
44
VSS
¾
Negative power supply, Ground
45
OSCO
O
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to
generate a system clock.
46
OSCI
I
47
VDD
¾
Positive power supply
48
IRQ
O
Time base or WDT overflow flag, NMOS open drain output
49, 50
BZ, BZ
O
2kHz or 4kHz tone frequency output pair (tri-state output buffer)
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+3.6V
Storage Temperature ............................
-50oCto125oC
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25oCto75oC
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT1620
Rev. 1.80
5
July 27, 2009
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com