Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Name
ID
Command Code
D/C
Function
Def.
BIAS 1/3
100
0010-abX1-X
C
LCD 1/3 bias option
ab=00: 2 commons option
ab=01: 3 commons option
ab=10: 4 commons option
TONE 4K
100
010X-XXXX-X
C
Tone frequency, 4kHz
TONE 2K
100
0110-XXXX-X
C
Tone frequency, 2kHz
IRQ DIS
100
100X-0XXX-X
C
Disable IRQ output
Yes
IRQ EN
100
100X-1XXX-X
C
Enable IRQ output
F1
100
101X-0000-X
C
Time base clock output: 1Hz
The WDT time-out flag after: 4s
F2
100
101X-0001-X
C
Time base clock output: 2Hz
The WDT time-out flag after: 2s
F4
100
101X-0010-X
C
Time base clock output: 4Hz
The WDT time-out flag after: 1s
F8
100
101X-0011-X
C
Time base clock output: 8Hz
The WDT time-out flag after: 1/2s
F16
100
101X-0100-X
C
Time base clock output: 16Hz
The WDT time-out flag after: 1/4s
F32
100
101X-0101-X
C
Time base clock output: 32Hz
The WDT time-out flag after: 1/8s
F64
100
101X-0110-X
C
Time base clock output: 64Hz
The WDT time-out flag after: 1/16s
F128
100
101X-0111-X
C
Time base clock output: 128Hz
The WDT time-out flag after:1/32s
Yes
TEST
100
1110-0000-X
C
Test mode, user don
¢t use.
NORMAL
100
1110-0011-X
C
Normal mode
Yes
Note:
X: Don
,t care
A5~A0: RAM addresses
D3~D0: RAM data
D/C: Data/command mode
Def.: Power on reset default
All the bold forms, namely 110, 101, and 100, are mode commands. Of these, 100 indicates the command
mode ID. If successive commands have been issued, the command mode ID except for the first command will
be omitted. The source of the tone frequency and of the time base/WDT clock frequency can be derived from a
32.768kHz crystal oscillator. Calculation of the frequency is based on the system frequency sources as stated
above. It is recommended that the host controller should initialize the HT1620 after power on reset, for power
on reset may fail, which in turn leads to malfunctioning of the HT1620.
HT1620
Rev. 1.80
14
July 27, 2009
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com