Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tSU1
Setup Time for CS to WR,RD
Clock Width
(Figure 3)
3V
¾
500
600
¾
ns
tH1
Hold Time for CS to WR,RD
Clock Width
(Figure 3)
3V
¾
50
100
¾
ns
tOFF
VDD OFF Times (Figure 4)
¾
VDD drop down to 0V
20
¾¾
ms
tSR
VDD Rising Slew Rate (Figure 4)
¾¾
0.05
¾¾
V/ms
Note:
1. If the conditions of Power-on Reset timing are not satisfied in power On/Off sequence, the internal
Power-on Reset (POR) circuit will not operate normally.
2. If the VDD drops below the minimum voltage of operating voltage spec. during operating, the conditions
of Power-on Reset timing must be satisfied also. That is, the VDD must drop to 0V and keep at 0V for
20ms (min.) before rising to the normal operating voltage.
HT1620
Rev. 1.80
7
July 27, 2009
PATENTED
9 0 %
5 0 %
1 0 %
G N D
W R , R D
C l o c k
t f
t r
t C L K
t C L K
V D D
Figure 1
5 0 %
V A L I D D A T A
5 0 %
D B
W R , R D
C l o c k
G N D
t s u
t h
V D D
V D D
G N D
Figure 2
C S
G N D
5 0 %
5 0 %
F I R S T
C l o c k
L A S T
C l o c k
G N D
W R , R D
C l o c k
t s u 1
t h 1
t C S
V D D
V D D
Figure 3
t S R
t O F F
V D D
0 V
Figure 4. Power-on Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com