Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Timing Diagrams
READ Mode (Command Code:110)
READ Mode (Successive Address Reading)
WRITE Mode (Command Code:101)
HT1620
Rev. 1.80
10
July 27, 2009
PATENTED
R D
D A T A
W R
1
1
0 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
M e m o r y A d d r e s s 1 ( M A 1 )
D a t a ( M A 2 )
1
1
0 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
D a t a ( M A 1 )
M e m o r y A d d r e s s 2 ( M A 2 )
C S
R D
D A T A
C S
W R
1
1
0 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
M e m o r y A d d r e s s ( M A )
D a t a ( M A )
D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0
D a t a ( M A + 1 )
D a t a ( M A + 2 )
D a t a ( M A + 3 )
D A T A
C S
W R
1
0
1 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
M e m o r y A d d r e s s 1 ( M A 1 )
D a t a ( M A 1 )
1
0
1 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
M e m o r y A d d r e s s 2 ( M A 2 )
D a t a ( M A 2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com