Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Package Information
64-pin LQFP (7mm
´7mm) Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
8.9
¾
9.1
B
6.9
¾
7.1
C
8.9
¾
9.1
D
6.9
¾
7.1
E
¾
0.4
¾
F
0.13
0.23
G
1.35
¾
1.45
H
¾¾
1.6
I
0.05
¾
0.15
J
0.45
¾
0.75
K
0.09
¾
0.20
a
0
°¾
7
°
HT1620
Rev. 1.80
15
July 27, 2009
PATENTED
4 8
4 9
3 3
3 2
6 4
1
1 6
1 7
A
B
C
D
E
F
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com