Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1620 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 1.80
1
July 27, 2009
HT1620
RAM Mapping 32´4 LCD Controller for I/O MCU
PATENTED
PAT No. : 099352
Selection Table
HT162X
HT1620
HT1621
HT1622
HT16220
HT1623
HT1625
HT1626
COM
4
48888
16
SEG
32
32
32
32
48
64
48
Built-in Osc.
¾Ö
Ö¾Ö
Ö
Ö
Crystal Osc.
ÖÖ
¾
ÖÖÖÖ
Features
· Logic operating voltage: 2.4V~3.3V
· LCD voltage: 3.6V~4.9V
· Low operating current <3mAat3V
· External 32.768kHz crystal oscillator
· Selection of 1/2 or 1/3 bias, and selection of
1/2 or 1/3 or 1/4 duty LCD applications
· Internal time base frequency sources
· Two selectable buzzer frequencies
(2kHz/4kHz)
· Built-in capacitor type bias charge pump
· Time base or WDT overflow output
· 8 kinds of time base/WDT clock source
· 32´4 LCD driver
· Built-in 32´4-bit display RAM
· 3-wire serial interface
· Internal LCD driving frequency source
· Software configuration feature
· R/Wy address auto increment
· Data mode and command mode instructions
· Three data accessing modes
· HT1620: 64pin LQFP package
HT1620G: Gold bumped chip
General Description
The HT1620 is a 128 pattern (32
´4), memory mapping,
and multi-function LCD driver. The S/W configuration
feature of the HT1620 makes it suitable for multiple LCD
applications including LCD modules and display sub-
systems. Only three or four lines are required for the in-
terface between the host controller and the HT1620.
The HT1620 consumes low operating current owing to
adopting capacitor type bias charge pump. The HT162X
series have many kinds of products that match various
applications.
Technical Document
· FAQs
· Application Note


Similar Part No. - HT1620

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
RAM Mapping 32x4 LCD Controller for I/O C
July 26, 1999
HT1620 HOLTEK-HT1620 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1620G HOLTEK-HT1620G_11 Datasheet
146Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
April 29, 2011
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
April 29, 2011
More results

Similar Description - HT1620

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
RAM Mapping 32x8 LCD Controller for I/O MCU
February 6, 2007
HT1623 HOLTEK-HT1623_02 Datasheet
193Kb / 15P
RAM Mapping 48x8 LCD Controller for I/O MCU
September 11, 2002
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
RAM Mapping 328 LCD Controller for I/O MCU
May 19, 2004
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
October 28, 2009
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
RAM Mapping 328 LCD Controller for I/O MCU
June 9, 2009
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
RAM Mapping 328 LCD Controller for I/O MCU
October 12, 2009
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
April 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com