Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
129
System Design Information
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to
provide independent filter circuits per PLL power supply as illustrated in Figure 56, one to each of the
AVDD pins. By providing independent filters to each PLL the opportunity to cause noise injection from
one PLL to the other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz
range. It should be built with surface mount capacitors with minimum Effective Series Inductance (ESL).
Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook
of Black Magic (Prentice Hall, 1993), multiple small capacitors of equal value are recommended over a
single large value capacitor.
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize
noise coupled from nearby circuits. It should be possible to route directly from the capacitors to the AVDD
pin, which is on the periphery of the footprint, without the inductance of vias.
Figure 56 through Figure 58 shows the PLL power supply filter circuits.
Figure 56. PLL Power Supply Filter Circuit with PLAT Pins
Figure 57. PLL Power Supply Filter Circuit with CORE Pins
Figure 58. PLL Power Supply Filter Circuit with PCI/LBIU Pins
The AVDD_SRDS signal provides power for the analog portions of the SerDes PLL. To ensure stability of
the internal clock, the power supplied to the PLL is filtered using a circuit similar to the one shown in
following figure. For maximum effectiveness, the filter circuit is placed as closely as possible to the
AVDD_SRDS ball to ensure it filters out as much noise as possible. The ground connection should be near
the AVDD_SRDS ball. The 0.003-µF capacitor is closest to the ball, followed by the two 2.2 µF capacitors,
and finally the 1
Ω resistor to the board supply plane. The capacitors are connected from AVDD_SRDS to
the ground plane. Use ceramic chip capacitors with the highest possible self-resonant frequency. All traces
should be kept short, wide and direct.
VDD
AVDD_PLAT
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
150
Ω
VDD
AVDD_CORE
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
180
Ω
VDD
AVDD_PCI/AVDD_LBIU
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com