Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
133
System Design Information
The platform PLL ratio and e500 PLL ratio configuration pins are not equipped with these default pull-up
devices.
21.9
JTAG Configuration Signals
Correct operation of the JTAG interface requires configuration of a group of system control pins as
demonstrated in Figure 62. Care must be taken to ensure that these pins are maintained at a valid deasserted
state under normal operating conditions as most have asynchronous behavior and spurious assertion will
give unpredictable results.
Boundary-scan testing is enabled through the JTAG interface signals. The TRST signal is optional in the
IEEE 1149.1 specification, but it is provided on all processors built on Power Architecture technology. The
device requires TRST to be asserted during power-on reset flow to ensure that the JTAG boundary logic
does not interfere with normal chip operation. While the TAP controller can be forced to the reset state
using only the TCK and TMS signals, generally systems assert TRST during the power-on reset flow.
Simply tying TRST to HRESET is not practical because the JTAG interface is also used for accessing the
common on-chip processor (COP), which implements the debug interface to the chip.
The COP function of these processors allow a remote computer system (typically, a PC with dedicated
hardware and debugging software) to access and control the internal operations of the processor. The COP
interface connects primarily through the JTAG port of the processor, with some additional status
monitoring signals. The COP port requires the ability to independently assert HRESET or TRST in order
to fully control the processor. If the target system has independent reset sources, such as voltage monitors,
watchdog timers, power supply failures, or push-button switches, then the COP reset signals must be
merged into these signals with logic.
The arrangement shown in Figure 62 allows the COP port to independently assert HRESET or TRST,
while ensuring that the target can drive HRESET as well.
The COP interface has a standard header, shown in Figure 61, for connection to the target system, and is
based on the 0.025" square-post, 0.100" centered header assembly (often called a Berg header). The
connector typically has pin 14 removed as a connector key.
The COP header adds many benefits such as breakpoints, watchpoints, register and memory
examination/modification, and other standard debugger features. An inexpensive option can be to leave
the COP header unpopulated until needed.
There is no standardized way to number the COP header; so emulator vendors have issued many different
pin numbering schemes. Some COP headers are numbered top-to-bottom then left-to-right, while others
use left-to-right then top-to-bottom. Still others number the pins counter-clockwise from pin 1 (as with an
IC). Regardless of the numbering scheme, the signal placement recommended in Figure 61 is common to
all known emulators.
21.9.1
Termination of Unused Signals
If the JTAG interface and COP header will not be used, Freescale recommends the following connections:
•TRST should be tied to HRESET through a 0 k
Ω isolation resistor so that it is asserted when the
system reset signal (HRESET) is asserted, ensuring that the JTAG scan chain is initialized during
the power-on reset flow. Freescale recommends that the COP header be designed into the system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com