Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
132
Freescale Semiconductor
System Design Information
Figure 60. Driver Impedance Measurement
Table 82 summarizes the signal impedance targets. The driver impedances are targeted at minimum VDD,
nominal OVDD, 105°C.
21.8
Configuration Pin Muxing
The MPC8548E provides the user with power-on configuration options which can be set through the use
of external pull-up or pull-down resistors of 4.7 k
Ω on certain output pins (see customer visible
configuration pins). These pins are generally used as output only pins in normal operation.
While HRESET is asserted however, these pins are treated as inputs. The value presented on these pins
while HRESET is asserted, is latched when HRESET deasserts, at which time the input receiver is disabled
and the I/O circuit takes on its normal function. Most of these sampled configuration pins are equipped
with an on-chip gated resistor of approximately 20 k
Ω. This value should permit the 4.7-kΩ resistor to pull
the configuration pin to a valid logic low level. The pull-up resistor is enabled only during HRESET (and
for platform/system clocks after HRESET deassertion to ensure capture of the reset value). When the input
receiver is disabled the pull-up is also, thus allowing functional operation of the pin as an output with
minimal signal quality or delay disruption. The default value for all configuration bits treated this way has
been encoded such that a high voltage level puts the device into the default state and external resistors are
needed only when non-default settings are required by the user.
Careful board layout with stubless connections to these pull-down resistors coupled with the large value
of the pull-down resistor should minimize the disruption of signal quality or speed for output pins thus
configured.
Table 82. Impedance Characteristics
Impedance
Local Bus, Ethernet, DUART, Control,
Configuration, Power Management
PCI
DDR DRAM
Symbol
Unit
RN
43 Target
25 Target
20 Target
Z0
W
RP
43 Target
25 Target
20 Target
Z0
W
Note: Nominal supply voltages. See Table 1, Tj = 105°C.
OVDD
OGND
Pad
Data
SW1
SW2
RN
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com