Electronic Components Datasheet Search
  English  ▼

X  

ST7093 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7093
Description  26 COM / 80 SEG LCD CONTROLLER/DRIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7093 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 43Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
ST7093
Ver 2.1
39/43
2003/09/23
80 INTERFACE READ/WRITE TIMING (TA = 25oC, VDD = 3.6V)
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
TC
Enable Cycle Time Pin E
100
-
-
us
TPW
Enable Pulse Width Pin E
300
-
-
ns
TR,TF
Enable Rise/Fall
Time
Pin E
-
-
25
ns
TAS
Address Setup Time Pins: RS,RW,CSB
40
-
-
ns
TAH
Address Hold Time Pins: RS,RW,CSB
200
-
-
ns
TDSW
Data Setup Time
Pins: DB0 - DB7
180
-
-
ns
TH
Data Hold Time
Pins: DB0 - DB7
40
-
-
ns
TC
Enable Cycle Time Pin E
100
-
-
us
TPW
Enable Pulse Width Pin E
300
-
-
ns
TR,TF
Enable Rise/Fall
Time
Pin E
-
-
25
ns
TAS
Address Setup Time Pins: RS,RW,CSB
360
-
-
ns
TAH
Address Hold Time Pins: RS,RW,CSB
20
-
-
ns
TDDR
DB output ready Time Pins: DB0 - DB7
-
-
300
ns
TH
DB output Hold Time Pins: DB0 - DB7
50
-
-
ns
80 INTERFACE READ/WRITE TIMING (TA = 25
oC, VDD = 2.7V)
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
TC
Enable Cycle Time Pin E
100
-
-
us
TPW
Enable Pulse Width Pin E
300
-
-
ns
TR,TF
Enable Rise/Fall
Time
Pin E
-
-
25
ns
TAS
Address Setup Time Pins: RS,RW,CSB
40
-
-
ns
TAH
Address Hold Time Pins: RS,RW,CSB
380
-
-
ns
TDSW
Data Setup Time
Pins: DB0 - DB7
280
-
-
ns
TH
Data Hold Time
Pins: DB0 - DB7
40
-
-
ns
TC
Enable Cycle Time Pin E
100
-
-
us
TPW
Enable Pulse Width Pin E
300
-
-
ns
TR,TF
Enable Rise/Fall
Time
Pin E
-
-
25
ns
TAS
Address Setup Time Pins: RS,RW,CSB
440
-
-
ns
TAH
Address Hold Time Pins: RS,RW,CSB
40
-
-
ns
TDDR
DB output ready Time Pins: DB0 - DB7
-
-
340
ns
TH
DB output Hold Time Pins: DB0 - DB7
50
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com