Electronic Components Datasheet Search
  English  ▼

X  

ST7093 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7093
Description  26 COM / 80 SEG LCD CONTROLLER/DRIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7093 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
ST7093
Ver 2.1
23/43
2003/09/23
Line shift mode
Set Line Shift mode
Reset Function
Initializing by Internal Reset Circuit
External reset can be achieved by pulling low RESETB pin.
1. Function set:
S = 0; COM left shift
CG = 0; CGRAM disable
2. Display on/off control:
D = 0; Display off
C = 0; Cursor off
B = 0; Blinking off
3. Power control & bias
BS = 0 ; 1/5 bias
OS = 0 ; oscillator off
PS = 0 ; power save off
VC = 0; voltage booster off
VR = 0; voltage regulator off
VF = 0; voltage follower off
4. Line shift mode
(LS2,LS1) = (0,0) ; DDRAM line 1 shown at the first line of LCD display
5. Electronic contrast control register
(E4,E3,E2,E1,E0) = (0,0,0,0,0)
RESETB pulse width
Trw
10us
RESET start time
Tres
50ns
LS2
LS1
Action
Low
Low
DDRAM Line1 shows at the first line of LCD (default)
Low
High
DDRAM Line2 shows at the first line of LCD
High
Low
DDRAM Line3 shows at the first line of LCD
High
High
DDRAM Line4 shows at the first line of LCD
0
0
0
0
0
1
1
0
Code
RS RW DB7 DB6 DB5 DB4
DB1
DB2
DB3
LS2 LS1
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com