Electronic Components Datasheet Search
  English  ▼

X  

ST7093 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST7093
Description  26 COM / 80 SEG LCD CONTROLLER/DRIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7093 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
ST7093
Ver 2.1
9/43
2003/09/23
Display Data RAM (DDRAM)
Display data RAM (DDRAM) stores display data represented in 8-bit character codes. Its extended capacity is 64
x 8 bits, or 64 characters. The area in display data RAM (DDRAM) that is not used for display can be used as
general data RAM. See Figure 1 for the relationships between DDRAM addresses and positions on the liquid
crystal display.
The DDRAM address (ADD ) is set in the address counter (AC) as hexadecimal.
DDRAM address and corresponding display position
There is 4 line display data stored in DDRAM but only 2 lines are shown at a time. (2 line mode)
Hidden lines can be displayed by issuing line shift instruction.
Figure 1 DDRAM Address
Figure 2 2-Line Mode by 16-Character Display Example
Figure 3 3-Line Mode by 16-Character Display Example
AC AC AC AC AC AC AC
0
1
1
0
1
1
1
High
Order
bits
Low Order
bits
AC
Example: DDRAM Address 37H
COM1~8
COM9~16
Display
Position
00
01
02
03
04
05
06
07
1
2
3
4
5
6
8
7
10
11
12
13
14
15
16
17
Hidden
Hidden
27
20
21
22
23
24
25
26
37
30
31
32
33
34
35
36
08
09 0A 0B 0C 0D 0E 0F
9
10
11
12
13 14
16
15
18
19 1A 1B 1C 1D 1E 1F
2F
28
29 2A 2B 2C 2D 2E
3F
38
39 3A 3B 3C 3D 3E
COM1~8
COM9~16
Display
Position
00
01
02
03
04
05
06
07
1
2
3
4
5
6
8
7
10
11
12
13
14
15
16
17
COM17~24
Hidden
08
09 0A 0B 0C 0D 0E 0F
9
10
11
12
13 14
16
15
18
19 1A 1B 1C 1D 1E 1F
27
20
21
22
23
24
25
26
2F
28
29 2A 2B 2C 2D 2E
37
30
31
32
33
34
35
36
3F
38
39 3A 3B 3C 3D 3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com