Electronic Components Datasheet Search
  English  ▼

X  

ST7093 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7093
Description  26 COM / 80 SEG LCD CONTROLLER/DRIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7093 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
ST7093
Ver 2.1
22/43
2003/09/23
Set ICONRAM Address
Set ICONRAM address to AC.
Before writing or reading data, set ICONRAM address should be performed. After each write or
read the address counter will increase 1 automatically. 5 bit ICON is stored in each data byte. If
(C,B) = (1,1) then ICON display will blink. ICONRAM address is from 00H to 0FH. Address
10H is reserved for electronic volume level setting.
Set CGRAM/DDRAM Address
Set CGRAM /DDRAM address to AC.
CGRAM and DDRAM share the same address space. Before accessing CGRAM/DDRAM, set
CGRAM/DDRAM address should be performed. Address counter will automatically increase by
1 after each write or read operation. After accessing 7FH the address will reset to 00H.
Addr
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
00H
DDRAM LINE 1 (00H~0FH)
10H
DDRAM LINE 2 (10H~1FH)
20H
DDRAM LINE 3 (20H~2FH)
30H
DDRAM LINE 4 (30H~3FH)
40H
CGRAM (pattern 0)
CGRAM (pattern1)
50H
CGRAM (pattern 2)
CGRAM (pattern 3)
60H
CGRAM (pattern 4)
CGRAM (pattern5)
70H
CGRAM (pattern 6)
CGRAM (pattern 7)
Read Data from CGRAM/DDRAM or ICONRAM
Before RAM data read, address set of either CGRAM/DDRAM or ICONRAM should be performed. The first
read is a dummy read. The data is invalid. The correct data is obtain from the second read. After read data the
address counter will increase by 1 automatically. If multiple read in succession only the first read data is
dummy.
0
0
1
0
0
1
0
1
D7
1
AC
D6
0
AC
D5
AC
AC
D4
AC
AC
D3
AC
AC
D2
Code
Code
Code
RS
RS
RS
RW
RW
RW
DB7
DB7
DB7
DB6
DB6
DB6
DB5
DB5
DB5
DB4
DB4
DB4
DB1
DB1
DB1
DB2
DB2
DB2
DB3
DB3
DB3
AC
AC
D1
AC
AC
D0
DB0
DB0
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com