Electronic Components Datasheet Search
  English  ▼

X  

ST7093 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST7093
Description  26 COM / 80 SEG LCD CONTROLLER/DRIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST7093 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
ST7093
Ver 2.1
6/43
2003/09/23
P
PIIN
N D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
NAME
I/O Interfaced
FUNCTION
RS
I
MPU
Select registers.
0: Instruction register (for write)
address counter (for read)
1: Data register (for write and read)
RW_WR
I
MPU
Select read or write.
In 68 mode
In 80 mode
0: Write
0: Write
1: Read
1: Not active
E_RD
I
MPU
Starts data read/write.
In 68 mode
In 80 mode
0: Not active
0: Read
1: Enable
1: Not active
DB4 to DB7
I/O
MPU
Four high order bi-directional tristate data bus
pins. Used for data transfer and receive
between the MPU and the ST7093. In serial interface mode
DB7 is SI (input data), DB6 is SCL (serial clock).
DB0 to DB3
I/O
MPU
Four low order bi-directional tristate data bus
pins. Used for data transfer and receive
between the MPU and the ST7093.
These pins are not used during 4-bit operation. (Fixed high)
CSB
I
MPU
Chip select signal. Active low.
RESETB
I
MPU
Reset signal. Active low.
CK
I
MPU
External clock input pin. it must be fixed to “Vss” , when the
internal oscillator circuit is used. In case of the external clock
mode, CK is used as the clock and OS bit should be turn off.
MI
I
MPU
Interface selection
0: 80 mode interface
1: 68 mode interface
DIRS
I
MPU
SEG direction selection
0: SEG1
SEG80
1: SEG80
SEG1
IF
I
MPU
Interface selection valid when PS=1
0: 4 bit bus mode
1: 8 bit bus mode
PS
I
MPU
Interface selection
0: serial mode
1: 4bit/ 8bit bus mode
COM1 to
COM24
COMI1,COMI2
O
LCD
Common signals. COMI1 and COMI2 are the same signal
SEG1 to SEG80
O
LCD
Segment signals
CAP1+, CAP1-
CAP2+, CAP2-
O
Capacitor connection pins for voltage booster
Vout
I/O
Voltage booster output pin
VR
I
Voltage adjust pin between V0 and VSS
REF
I
MPU
Reference voltage selection pin
0: internal regulator is selected
1: external reference voltage input to Vext
Vext
I/O
External reference voltage input
V0 to V4
-
Power supply
Power supply for LCD drive
V0 - Vss = 7 V (Max)
VDD , GND
-
Power supply
VDD : 2.4V to 3.6V, GND: 0V
Test 0 to Test3
I
Test pin. open
Note: 1. V0>=V1>=V2>=V3>=V4>=VSS must be maintained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com