Electronic Components Datasheet Search
  English  ▼

X  

ST7093 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7093
Description  26 COM / 80 SEG LCD CONTROLLER/DRIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7093 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
ST
Sitronix
ST7093
26 COM / 80 SEG LCD CONTROLLER/DRIVER
Ver 2.1
1/43
2003/09/23
FEATURES
CGROM :10240 bits(256chars 5 x 8 dots)
CGRAM :320 bits(8 chars 5 x 8 dots)
DDRAM :64 bytes(16 x 4 )
ICONRAM :80 bits
Low power operation support:
-- 2.4 to 3.6V
Wide range of LCD driver power
-- 3.0 to 7.0V
4-bit or 8-bit MPU interface for both 68 and 80
series
4 pin clock synchronized serial interface
COM/SEG bi-directional setting
Voltage converter/regulator/follower/bias circuit
built in
26 common x 80 segment liquid crystal display
driver
32 steps electronic volume control
Wide range of instruction functions:
return home, display on/off, cursor on/off, display
character blink, double height, line shift, function
set, power and bias control
Hardware reset pin available
Internal oscillator or external clock
Power save mode for low power consumption
Bare Chip available
GENERAL DESCRIPTION
The ST7093 dot-matrix liquid crystal display
controller can drive LSI displays alphanumeric,
Japanese kana characters, and symbols. It can be
configured to drive a dot-matrix liquid crystal display
under the control of a 4bit, 8 bit or 4 pin clock
synchronized serial bus interface. For 4 bit and 8 bit
bus interface both 68 series and 80 series type are
available. Since all the functions such as display RAM,
character generator, liquid crystal driver, oscillator and
voltage control functions required for driving a
dot-matrix liquid crystal display are internally provided
on one chip, a minimal system can be interfaced with
this controller/driver.
The ST7093 character generator ROM is
extended to generate 256 5 x 8 dot character fonts.
The low power supply (2.4V to 3.6V) of the ST7093 is
suitable for any portable battery-driven product
requiring low power dissipation.
The ST7093 LCD driver consists of 26 common
signal drivers and 80 segment signal drivers with COG
gold bump available.


Similar Part No. - ST7093

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST70-27F SHINDENGEN-ST70-27F Datasheet
385Kb / 11P
Trankiller
ST70-27FZ SHINDENGEN-ST70-27FZ Datasheet
1Mb / 5P
TVS 180A, 7000W
ST70-27F SHINDENGEN-ST70-27F_10 Datasheet
906Kb / 1P
Power zener Diode
ST70-27F SHINDENGEN-ST70-27F_17 Datasheet
233Kb / 4P
Power Zener Diode
ST70-27MF SHINDENGEN-ST70-27MF Datasheet
951Kb / 1P
Power zener Diode
More results

Similar Description - ST7093

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0093 SAMSUNG-KS0093 Datasheet
590Kb / 55P
26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0094 SAMSUNG-KS0094 Datasheet
920Kb / 62P
34 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0031 SAMSUNG-S6A0031 Datasheet
339Kb / 37P
8 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0032 SAMSUNG-S6A0032 Datasheet
361Kb / 39P
16 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0090 SAMSUNG-S6A0090 Datasheet
549Kb / 54P
64 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0093 SAMSUNG-S6A0093 Datasheet
594Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
80 COM/SEG LCD DRIVER
logo
Generalplus Technology ...
GPLD1080A GENERALPLUS-GPLD1080A Datasheet
545Kb / 20P
80 CHANNEL SEG/COM STN LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com