Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 118 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 118 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
118
10.1.16 INVON (21h): Display Inversion On
21H
IVNOFF (Display Inversion On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
INVON
0
↑
1
-
0
0
1
0
0
0
0
1
(21h)
1
st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to enter into display inversion mode
-To exit from Display Inversion On, the Display Inversion Off command (20h) should be written.
Default
Status
Default Value
Power On Sequence
Display Inversion off
S/W Reset
Display Inversion off
H/W Reset
Display Inversion off
10.1.17 GAMSET (26h): Gamma Set
26H
GAMSET (Gamma Set)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
GAMSET
0
↑
1
-
0
0
1
0
0
1
1
0
(26h)
1
st Parameter
1
↑
1
-
-
-
-
-
GC3
GC2
GC1
GC0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to select the desired Gamma curve for the current display. A maximum of 4 curves
can be selected. The curves are defined in section 9.17 The curve is selected by setting the appropriate bit
in the parameter as described in the Table.
GC [7:0]
Parameter
Curve Selected
GS=1
GS=0
01h
GC0
Gamma Curve 1 (G2.2)
Gamma Curve 1 (G1.0)
02h
GC1
Gamma Curve 2 (G1.8)
Gamma Curve 2 (G2.5)
04h
GC2
Gamma Curve 3 (G2.5)
Gamma Curve 3 (G2.2)
08h
GC3
Gamma Curve 4 (G1.0)
Gamma Curve 4 (G1.8)
Note: All other values are undefined.
Default
Status
Default Value
Power On Sequence
01h
S/W Reset
01h
H/W Reset
01h
Top-Left (0,0)
(Example)
Memory
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com