Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 121 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 121 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
121
10.1.20 CASET (2Ah): Column Address Set
2AH
CASET(Colume Address Set)_
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
GAMSET
0
↑
1
-
0
0
1
0
0
1
1
0
(2Ah)
1
st Parameter
1
↑
1
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
↑
1
-
XS7
XS6
XS5
XS4
XS3
XS2
XS1
XS0
3
rd Parameter
1
↑
1
-
-
-
-
-
-
-
-
-
4
th Parameter
1
↑
1
-
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-The value of XS [7:0] and XE [7:0] are referred when RAMWR command comes.
-Each value represents one column line in the Frame Memory.
Restriction
XS [7:0] always must be equal to or less than XE [7:0]
When XS [7:0] or XE [7:0] is greater than maximum address like below, data of out of range will be ignored.
1. 128X160 memory base (GM = ’00’)
(Parameter range: 0 ≦ XS [7:0] ≦ XE [7:0] ≦127 (007Fh)): MV=”0”
(Parameter range: 0 ≦ XS [7:0] ≦ XE [7:0] ≦159 (009Fh)): MV=”1”
2. 120x160 memory base (GM = ‘01’)
(Parameter range: 0 ≦ XS [7:0] ≦ XE [7:0] ≦119 (0077h)): MV=”0”
(Parameter range: 0 ≦ XS [7:0] ≦ XE [7:0] ≦159 (009Fh)): MV=”1”
3. 132x162 memory base (GM = ‘11’)
(Parameter range: 0 ≦ XS [7:0] ≦ XE [7:0] ≦131 (0083h)): MV=”0”
(Parameter range: 0 ≦ XS [7:0] ≦ XE [7:0] ≦161 (00A1h)): MV=”1”
Default
Default Value
GM Status
Status
XS [7:0]
XE [7:0] (MV=’0 ’)
XE [7:0] (MV=’1’)
Power On Sequence
0000h
007Fh (127)
S/W Reset
0000h
007Fh (127)
009Fh (159)
GM=’00’
(128x160
memory base)
H/W Reset
0000h
007Fh (127)
Power On Sequence
0000h
0077h (119)
S/W Reset
0000h
0077h (119)
009Fh (159)
GM=’01’
(120x160
memory base)
H/W Reset
0000h
0077h (119)
Power On Sequence
0000h
0083h (131)
S/W Reset
0000h
0083h (131)
00A1h (161)
GM=’11’
(132x162
memory base)
H/W Reset
0000h
0083h (131)
(Example)
XS[7:0]
XE[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com