Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 128 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 128 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
128
NOTE: Scroll Mode can be exit by both the Normal Display Mode On (13h) and Partial Mode On (12h)
commands.
2. Continuous Scroll
Normal Mode
CASET (2Ah)
1
st
&2
nd Parameter XS[7:0]
3
rd & 4th Parameter XE[7:0]
RASET (2Bh)
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer
1
st & 2nd Parameter YS[7:0]
3
rd & 4th Parameter YE[7:0]
RAMRW (2Ch)
Only required
for non-rolling
scrolling
Scroll Image
Data
VSCSAD (37h)
1
st & 2nd Parameter SSA[7:0]1
3. To Exit Vertical Scroll Mode
Scroll Mode
DISOFF (28h)
NORON (13h) / PTLON (12h)
Option-
To prevent
Tearing Effect
Image Display
Scroll Mode OFF
RAMRW (2Ch)
Image Data
D1[17:0],D2[17:0]…
Dn[17:0]
DISON (29h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com