Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 129 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 129 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
129
10.1.27 TEOFF (34h): Tearing Effect Line OFF
34H
TEOFF (Tearing Effect Line OFF)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
TEOFF
0
↑
1
-
0
0
1
1
0
1
0
0
(34h)
1st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to turn OFF (Active Low) the Tearing Effect output signal from the TE signal line.
Default
Status
Default Value
Power On Sequence
OFF
S/W Reset
OFF
H/W Reset
OFF
10.1.28 TEON (35h): Tearing Effect Line ON
35H
TEON (Tearing Effect Line ON)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
TEON
0
↑
1
-
0
0
1
1
0
1
0
1
(35h)
1st Parameter
1
↑
1
-
0
0
0
0
0
0
0
TELOM
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to turn ON the Tearing Effect output signal from the TE signal line.
-This output is not affected by changing MADCTL bit ML.
-The Tearing Effect Line On has one parameter, which describes the mode of the Tearing
Effect Output Line. (“-“=Don’t Care).
-When TELOM=’0’:
-When TELOM=’1’:
Note: During Sleep In Mode with Tearing Effect Line On, Tearing Effect Output pin will be active Low.
Default
Status
Default Value
Power On Sequence
Tearing effect off & TELOM=0
S/W Reset
Tearing effect off & TELOM=0
H/W Reset
Tearing effect off & TELOM=0
Vertical
time scale
tvdl
tvdh
The Tearing Effect Output line consists of V-Blanking information only.
The Tearing Effect Output line consists of both V-Blanking and H-Blinking information.
Vertical
time scale
tvdl
tvdh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com