Electronic Components Datasheet Search
  English  ▼

X  

PCA9901GD Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9901GD
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901GD Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9901GD Datasheet HTML 15Page - NXP Semiconductors PCA9901GD Datasheet HTML 16Page - NXP Semiconductors PCA9901GD Datasheet HTML 17Page - NXP Semiconductors PCA9901GD Datasheet HTML 18Page - NXP Semiconductors PCA9901GD Datasheet HTML 19Page - NXP Semiconductors PCA9901GD Datasheet HTML 20Page - NXP Semiconductors PCA9901GD Datasheet HTML 21Page - NXP Semiconductors PCA9901GD Datasheet HTML 22Page - NXP Semiconductors PCA9901GD Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
19 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCA9901UK
pca9901uk_po
07-08-30
09-11-05
Unit
mm
max
nom
min
0.63
0.58
0.53
0.23
0.20
0.17
0.29
0.26
0.23
1.1
1.0
0.9
1.25
1.20
1.15
0.4
0.01
0.04
A
Dimensions
WLCSP6: wafer level chip-size package; 6 bumps; 1.0 x 1.2 x 0.6 mm
PCA9901UK
A1
A2
0.40
0.38
0.36
bD
E
e
e1
0.8
vwy
0.02
0
0.5
1 mm
scale
ball A1
index area
B
A
D
E
detail X
A1
A2
A
C
y
X
b
A
B
C
2
1
e1
e
1/2 e
A
C
B
∅ v
C
∅ w
C
y1
Fig 14. Package outline PCA9901UK (WLCSP6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com