Electronic Components Datasheet Search
  English  ▼

X  

PCA9901GD Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9901GD
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901GD Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9901GD Datasheet HTML 11Page - NXP Semiconductors PCA9901GD Datasheet HTML 12Page - NXP Semiconductors PCA9901GD Datasheet HTML 13Page - NXP Semiconductors PCA9901GD Datasheet HTML 14Page - NXP Semiconductors PCA9901GD Datasheet HTML 15Page - NXP Semiconductors PCA9901GD Datasheet HTML 16Page - NXP Semiconductors PCA9901GD Datasheet HTML 17Page - NXP Semiconductors PCA9901GD Datasheet HTML 18Page - NXP Semiconductors PCA9901GD Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
15 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
12. Dynamic characteristics
Table 6.
Dynamic characteristics
VDD = 2.7 V to 5.5 V; Tamb = −40 °C to 85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CTRL pin
tWH(CTRL)
pulse width HIGH on pin CTRL
command pulse ON
2
-
50
μs
tWL(CTRL)
pulse width LOW on pin CTRL
command pulse OFF
2
-
75
μs
tdecod(cmd)
command decode time
-
1.5
-
ms
tw(spike)
spike pulse width
-
25
-
ns
LEDOUT pin
tWH(LEDOUT) pulse width HIGH on pin LEDOUT
minimum LED ON period
[1] -
1
±1 %
ms
tWL(LEDOUT) pulse width LOW on pin LEDOUT
minimum LED OFF period
[2] -
20
±1 %
ms
ΔT
LED
LED period variation
internal oscillator clock cycle
−200
-
+200
μs
Oscillator
Δf
osc/fosc
relative oscillator frequency variation
over temperature;
guaranteed by design
-
5
-
%
[1]
LED ON-time resolution.
[2]
LED OFF-time resolution.
ISET pin
VISET
voltage on pin ISET
-
1.23
-
V
ΔV
ISET/VISET
relative voltage variation on
pin ISET
ILEDOUT = 5 mA to 20 mA
−10
-
+10
%
ΔI
O/Iexp
output current variation to
expected current ratio
linearity of ILED / ISET function
−2
-
2
%
ILED/IISET
LED current to ISET current
ratio
ILEDOUT = 5 mA to 20 mA
-
400
-
Thermal shutdown
Tsd
shutdown temperature
guaranteed by design
-
125
-
°C
Tsd(hys)
hysteresis of shutdown
temperature
guaranteed by design
-
15
-
°C
Table 5.
Static characteristics …continued
VDD = 2.7 V to 5.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com