Electronic Components Datasheet Search
  English  ▼

X  

PCA9901GD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9901GD
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901GD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9901GD Datasheet HTML 7Page - NXP Semiconductors PCA9901GD Datasheet HTML 8Page - NXP Semiconductors PCA9901GD Datasheet HTML 9Page - NXP Semiconductors PCA9901GD Datasheet HTML 10Page - NXP Semiconductors PCA9901GD Datasheet HTML 11Page - NXP Semiconductors PCA9901GD Datasheet HTML 12Page - NXP Semiconductors PCA9901GD Datasheet HTML 13Page - NXP Semiconductors PCA9901GD Datasheet HTML 14Page - NXP Semiconductors PCA9901GD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
11 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
8.8.4 ‘Synchronization’ signal not generated after RUN ONCE command
The PCA9901 is waiting for the ‘Synchronization’ signal (rising edge of CTRL) after a
RUN ONCE command has been issued.
1. Once the RUN ONCE command has been decoded (end of the 1.5 ms window), a
time-out counter starts counting as long as CTRL stays LOW.
2. The time-out counter counts until it reaches the maximum allowed ON value. The
maximum allowed ON time is greater than or equal to 255 ms.
Remark: If CTRL goes HIGH before reaching the maximum counter value, the
time-out counter is reset and the PCA9901 runs the sequence once.
3. If the maximum time-out value is reached, the RUN ONCE command is automatically
aborted and the PCA9901 goes to Shutdown mode.
8.9 Current source generation
The LED output contains a constant current driver that will source a current that is
determined by an external resistor connected between ISET pin and GND. The current
can be set using the following formula:
I
O
1.23
400
×
()
R
ext
------------------------------
=
(1)
Rext can be chosen so that a maximum LED current value between 1 mA and 20 mA can
be programmed.
Remark: LED current accuracy is proportional to the accuracy and temperature
coefficient tolerance of Rext.
When no external resistor is connected between the ISET pin and GND, the LED output is
able to source 5 mA through a fully internal current source. It is automatically shut down
when an external resistor is connected to ISET.
Remark: The LED current accuracy is proportional to the tolerance and temperature
coefficient of the resistor.
Remark: To save power, the current source generator is only enabled when the LED
needs to be turned on.
8.10 Short-circuit and thermal protection
A short-circuit and thermal protection circuitry disables the LED output driver and the
current generator when a short occurs or when a high temperature condition has been
detected.
The circuitry is active during normal mode operation (Programing, RUN ONCE, RUN or
Bypass modes). When a fault condition is detected, the reference current circuitry (ISET)
and the LED output stage (LEDOUT) are automatically shut down. This will cause
LEDOUT to be OFF as long as the fault condition is present. The other analog blocks
(oscillator, voltage reference) are kept enabled as long as the PCA9901 is in normal mode
operation.
The PCA9901 goes automatically to Power-down mode when it exits the programming,
RUN ONCE, RUN or Bypass modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com