Electronic Components Datasheet Search
  English  ▼

X  

PCA9901GD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9901GD
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901GD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9901GD Datasheet HTML 6Page - NXP Semiconductors PCA9901GD Datasheet HTML 7Page - NXP Semiconductors PCA9901GD Datasheet HTML 8Page - NXP Semiconductors PCA9901GD Datasheet HTML 9Page - NXP Semiconductors PCA9901GD Datasheet HTML 10Page - NXP Semiconductors PCA9901GD Datasheet HTML 11Page - NXP Semiconductors PCA9901GD Datasheet HTML 12Page - NXP Semiconductors PCA9901GD Datasheet HTML 13Page - NXP Semiconductors PCA9901GD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
10 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
8.8 Time-out
The time-out circuitry allows the PCA9901 to be safely set back to the Shutdown mode
when a communication problem occurs between the host controller and the PCA9901.
8.8.1 CTRL LOW too long after receiving a TRAINING START command
The PCA9901 is waiting for the first LED ON timing.
1. Once the TRAINING START command has been decoded (end of the 1.5 ms
window), a time-out counter starts counting as long as CTRL stays LOW.
2. The time-out counter counts until it reaches the maximum allowed ON value. The
maximum allowed ON time is greater than or equal to 255 ms.
Remark: If CTRL goes HIGH before reaching the maximum counter value, the
time-out counter is reset and the PCA9901 starts counting the LED ON timing or
decoding the command that has been issued.
3. If the maximum time-out value is reached, the training sequence is automatically
terminated and the PCA9901 goes to Shutdown mode.
Remark: When the time-out occurs and the PCA9901 goes to Shutdown mode, the
registers are still programmed with zeroes.
8.8.2 CTRL HIGH too long during the training sequence
The PCA9901 is counting the ON timing and reaches the counter maximum value (0xFF).
If CTRL does not go LOW when reaching the max value:
1. The PCA9901 switches off the LEDOUT pin.
2. Maximum ON count is stored in the corresponding ON register.
3. A time-out counter starts counting until it reaches the maximum allowed OFF value.
The maximum allowed OFF time is greater than or equal to 5.11 seconds.
4. When the maximum time-out counter value is reached, maximum OFF count is stored
in the corresponding OFF register.
Remark: If CTRL goes LOW before reaching the maximum counter value, the
time-out counter is reset and the PCA9901 starts counting the LED OFF timing.
5. If the maximum time-out value is reached, the training sequence is automatically
terminated and the PCA9901 goes to Shutdown mode.
8.8.3 CTRL LOW too long during the training sequence
The PCA9901 is counting the OFF timing and reaches the counter maximum value
(0xFF). If CTRL does not go HIGH when reaching the maximum value:
1. Maximum OFF count is stored in the corresponding OFF register.
2. A time-out counter starts counting until it reaches the maximum allowed OFF value.
The maximum allowed OFF time is greater than or equal to 5.11 seconds.
3. When the maximum time-out counter value is reached, the training sequence is
automatically terminated and the PCA9901 goes to Shutdown mode.
Remark: If CTRL goes HIGH before reaching the maximum counter value, the
time-out counter is reset and the PCA9901 starts counting the LED ON timing or
decoding the command that has been issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com