Electronic Components Datasheet Search
  English  ▼

X  

PCA9901GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9901GD
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901GD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9901GD Datasheet HTML 1Page - NXP Semiconductors PCA9901GD Datasheet HTML 2Page - NXP Semiconductors PCA9901GD Datasheet HTML 3Page - NXP Semiconductors PCA9901GD Datasheet HTML 4Page - NXP Semiconductors PCA9901GD Datasheet HTML 5Page - NXP Semiconductors PCA9901GD Datasheet HTML 6Page - NXP Semiconductors PCA9901GD Datasheet HTML 7Page - NXP Semiconductors PCA9901GD Datasheet HTML 8Page - NXP Semiconductors PCA9901GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
2 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78, which exceeds 100 mA
Temperature range:
−40 °C to +85 °C
Packages offered: TSSOP8, XSON8U, WLCSP6
3.
Applications
Cellular telephones
Stand-alone status indicator
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9901DP
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9901GD
XSON8U plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
PCA9901UK
WLCSP6 wafer level chip-size package; 6 bumps;
1.0
× 1.2 × 0.6 mm
-
4.1 Ordering options
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9901DP
9901
−40 °C to +85 °C
PCA9901GD
P01
−40 °C to +85 °C
PCA9901UK
P01
−40 °C to +85 °C
5.
Marking
002aae751
Top view.
Dot is bump A1 indicator.
Fig 1.
PCA9901UK (WLCSP6) marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com