Electronic Components Datasheet Search
  English  ▼

X  

PCA9901GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9901GD
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9901GD Datasheet HTML 2Page - NXP Semiconductors PCA9901GD Datasheet HTML 3Page - NXP Semiconductors PCA9901GD Datasheet HTML 4Page - NXP Semiconductors PCA9901GD Datasheet HTML 5Page - NXP Semiconductors PCA9901GD Datasheet HTML 6Page - NXP Semiconductors PCA9901GD Datasheet HTML 7Page - NXP Semiconductors PCA9901GD Datasheet HTML 8Page - NXP Semiconductors PCA9901GD Datasheet HTML 9Page - NXP Semiconductors PCA9901GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
6 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
8.2 Command descriptions
8.2.1 TRAINING START command
2 pulses sent to the PCA9901 in less than 1.5 ms causes the PCA9901 to enter the
Training mode.
The PCA9901 leaves the Shutdown mode as soon as the 1st rising edge is detected,
resets its registers to zeroes and is ready for sequence capture within the 1.5 ms.
The next assertion of the CTRL pin (LOW to HIGH transition) starts the first LED ON
period capture. CTRL cannot be asserted in less than 1.5 ms after the TRAINING START
command has been issued.
8.2.2 TRAINING END command
3 pulses sent to the PCA9901 in less than 1.5 ms causes the PCA9901 to leave the
Training mode.
The PCA9901 ends the last LED OFF period capture when the TRAINING END command
occurs.
The PCA9901 goes to Shutdown mode.
8.2.3 RUN ONCE command
4 pulses sent to the PCA9901 in less than 1.5 ms causes the device to enter the
RUN ONCE mode and wait for a ‘synchronization’ rising edge on CTRL.
When a rising edge on CTRL is detected, the sequence that has been previously captured
is run once. If no sequence has been captured it will go into Shutdown mode.
Once the sequence has been run, the PCA9901 goes to Shutdown mode.
Remark: CTRL line may stay either HIGH or LOW after the ‘synchronization’ edge.
8.2.4 RUN command
A LOW to HIGH transition followed by a HIGH state longer than 1.5 ms causes the
sequence that has been previously captured to be executed in loop. The CTRL pin stays
HIGH as long as the sequence is executed. If no sequence has been captured it will go
into Shutdown mode.
8.2.5 STOP command
A HIGH to LOW transition when the PCA9901 is in the RUN mode causes the sequence
that is running to stop:
• Immediately, if the transition occurred during the LED OFF time
• After finishing the execution of the current LED ON cycle if the transition occurred
during the LED ON time.
Once the sequence has been stopped, the PCA9901 goes to Shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com