Electronic Components Datasheet Search
  English  ▼

X  

TDA8029C2 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 28Page - NXP Semiconductors TDA8029C2 Datasheet HTML 29Page - NXP Semiconductors TDA8029C2 Datasheet HTML 30Page - NXP Semiconductors TDA8029C2 Datasheet HTML 31Page - NXP Semiconductors TDA8029C2 Datasheet HTML 32Page - NXP Semiconductors TDA8029C2 Datasheet HTML 33Page - NXP Semiconductors TDA8029C2 Datasheet HTML 34Page - NXP Semiconductors TDA8029C2 Datasheet HTML 35Page - NXP Semiconductors TDA8029C2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
32 of 59
Philips Semiconductors
TDA8029
Low power single card reader
8.10.2 ISO UART registers
8.10.2.1
UART transmit register (UTR)
8.10.2.2
UART receive register (URR)
Table 48:
UTR - UART transmit register (address Dh) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
UT7
UT6
UT5
UT4
UT3
UT2
UT1
UT0
Reset
00000000
Access
write
Table 49:
UTR - UART transmit register (address Dh) bit description
Bit
Symbol
Description
7 to 0
UT[7:0]
UART transmit bits. When the microcontroller wants to transmit a character to the card, it
writes the data in direct convention in this register. The transmission:
• Starts at the end of writing (on the rising edge of signal WR) if the previous character
has been transmitted and if the extra guard time has expired
• Starts at the end of the extra guard time if this one has not expired
• Does not start if the transmission of the previous character is not completed
• With a synchronous card (bit SAN within register UCR2 is set), only UT0 is relevant
and is copied on pin I/O of the card.
Table 50:
URR - UART receive register (address Dh) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
UR7
UR6
UR5
UR4
UR3
UR2
UR1
UR0
Reset
00000000
Access
read
Table 51:
URR - UART receive register (address Dh) bit description
Bit
Symbol
Description
7 to 0
UR[7:0]
UART receive bits. When the microcontroller wants to read data from the card, it reads it
from this register in direct convention:
• With a synchronous card, only UR0 is relevant and is a copy of the state of the
selected card I/O
• When needed, this register may be tied to a FIFO whose length ‘n’ is programmable
between 1 and 8; if n > 1, then no interrupt is given until the FIFO is full and the
controller may empty the FIFO when required
• With a parity error:
– In protocol T = 0, the received byte is not stored in the FIFO and the error
counter is incremented. The error counter is programmable between 1 and 8.
When the programmed number is reached, then bit PE is set in the status
register USR and INT0_N falls LOW. The error counter must be reprogrammed to
the desired value after its count has been reached
– In protocol T = 1, the character is loaded in the FIFO and the bit PE is set to the
programmed value in the parity error counter.
• When the FIFO is full, then bit RBF in the status register USR is set. This bit is reset
when at least one character has been read from URR
• When the FIFO is empty, then bit FE is set in the status register USR as long as no
character has been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com