Electronic Components Datasheet Search
  English  ▼

X  

TDA8029C2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 4Page - NXP Semiconductors TDA8029C2 Datasheet HTML 5Page - NXP Semiconductors TDA8029C2 Datasheet HTML 6Page - NXP Semiconductors TDA8029C2 Datasheet HTML 7Page - NXP Semiconductors TDA8029C2 Datasheet HTML 8Page - NXP Semiconductors TDA8029C2 Datasheet HTML 9Page - NXP Semiconductors TDA8029C2 Datasheet HTML 10Page - NXP Semiconductors TDA8029C2 Datasheet HTML 11Page - NXP Semiconductors TDA8029C2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
8 of 59
Philips Semiconductors
TDA8029
Low power single card reader
WDT
no
yes
no
T0
yes
yes
yes
T1
yes
yes
yes
T2
no
yes
yes
lowest interrupt
priority-vector at 002BH
lowest interrupt
priority-vector at 002BH
4 level priority
interrupt
no
yes
yes
enhanced UART
no
yes
yes
delay counter
no
no
yes
Table 4:
Principal blocks in 80C51, 8XC51FB and TDA8029
Feature
80C51
8XC51FB
TDA8029
Table 5:
Embedded C51 controller special function registers
Symbol
Description
Addr
(hex)
Bit address, symbol or alternative port function
Reset
value
(binary)
ACC [1]
accumulator
E0
E7
E6
E5
E4
E3
E2
E1
E0
0000 0000
AUXR [2]
auxiliary
8E
-
-
-
-
-
-
EXTRAM AO
xxxx xx00
AUXR1 [2]
auxiliary
A2
-
-
LPEP
GF
0
-
DPS
xxx0 00x0
B [1]
B register
F0
F7
F6
F5
F4
F3
F2
F1
F0
0000 0000
DPH
data pointer
high
83
-
-
-
----
-
0000 0000
DPL
data pointer
low
82
-
-
-
----
-
0000 0000
IE [1]
interrupt
enable
A8
EA
-
ET2
ES
ET1
EX1
ET0
EX0
0x00 0000
AF
AE
AD
AC
AB
AA
A9
A8
IP [1]
interrupt
priority
B8
-
-
PT2
PS
PT1
PX1
PT0
PX0
xx00 0000
BF
BE
BD
BC
BB
BA
B9
B8
IPH [2]
interrupt
priority high
B7
-
-
PT2H PSH
PT1H
PX1H
PT0H
PX0H
xx00 0000
P0 [1]
port 0
80
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
1111 1111
87
86
85
84
83
82
81
80
P1 [1]
port 1
90
-
-
-
-
-
-
T2EX
T2
1111 1111
97
96
95
94
93
92
91
90
P2 [1]
Port 2
A0
A15
A14
A13
A12
A11
A10
A9
A8
1111 1111
A7
A6
A5
A4
A3
A2
A1
A0
P3 [1]
Port 3
B0
RD
WR
T1
T0
INT0_N INT1_N TxD
RxD
1111 1111
B7
B6
B5
B4
B3
B2
B1
B0
PCON [2] [3] power control 87
SMOD1 SMOD0 -
POF [4]
GF1
GF0
PD
IDL
00xx 0000
PSW [1]
program
status word
D0
CY
AC
F0
RS1
RS0
OV
-
P
0000 00x0
D7
D6
D5
D4
D3
D2
D1
D0
RACAP2H
[2]
timer 2
capture high
CB
-
-
-
----
-
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com