Electronic Components Datasheet Search
  English  ▼

X  

TDA8029C2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 35Page - NXP Semiconductors TDA8029C2 Datasheet HTML 36Page - NXP Semiconductors TDA8029C2 Datasheet HTML 37Page - NXP Semiconductors TDA8029C2 Datasheet HTML 38Page - NXP Semiconductors TDA8029C2 Datasheet HTML 39Page - NXP Semiconductors TDA8029C2 Datasheet HTML 40Page - NXP Semiconductors TDA8029C2 Datasheet HTML 41Page - NXP Semiconductors TDA8029C2 Datasheet HTML 42Page - NXP Semiconductors TDA8029C2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
39 of 59
Philips Semiconductors
TDA8029
Low power single card reader
8.10.3.6
Power control register (PCR)
This register is used for starting or stopping card sessions.
Table 67:
CCR - Clock configuration register (address 1h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
SHL
CST
SC
AC2
AC1
AC0
Reset
-
-
000000
Access
read and write
Table 68:
CCR - Clock configuration register (address 1h) bit description
Bit
Symbol
Description
7 and 6
-
Not used.
5
SHL
Select HIGH Level. This bit determines how the clock is stopped when bit CST = 1. If
SHL = 0, then the clock is stopped at LOW level, if SHL = 1 at HIGH level.
4
CST
Clock Stop. In case of an asynchronous card, bit CST defines whether the clock to the
card is stopped or not. If CST = 1, then the clock is stopped. If CST = 0, then the clock is
determined by bits AC[2:0] according to Table 69. All frequency changes are
synchronous, ensuring that no spike or unwanted pulse width occurs during changes.
3
SC
Synchronous Clock. In the event of a synchronous card, then pin CLK is the copy of the
value of bit SC. In reception mode, the data from the card is available to bit UR0 after a
read operation of register URR. In transmission mode, the data is written on the I/O line
of the card when register UTR has been written to.
2 to 0
AC[2:0]
Asynchronous card clock. When CST = 0, the clock is determined by the state of these
bits according to Table 69.
fint is the frequency delivered by the internal oscillator clock circuitry.
For switching from 1
⁄nfXTAL to 1⁄2fint and reverse, only the bit AC2 must be changed (AC1
and AC0 must remain the same). For switching from 1
⁄nfXTAL or 1⁄2fint to stopped clock and
reverse, only bits CST and SHL must be changed.
When switching from 1
⁄nfXTAL to 1⁄2fint and reverse, a delay can occur between the
command and the effective frequency change on pin CLK. The fastest switch is from
1
⁄2fXTAL to 1⁄2fint and reverse, the best regarding duty cycle is from 1⁄8fXTAL to 1⁄2fint and
reverse. The bit CLKSW in register MSR tells the effective switch moment.
In case of fCLK =fXTAL, the duty cycle must be ensured by the incoming clock signal on
pin XTAL1.
Table 69:
CLK value for an asynchronous card
AC2
AC1
AC0
CLK
000
fXTAL
001
1
⁄2fXTAL
010
1
⁄4fXTAL
011
1
⁄8fXTAL
100
1
⁄2fint
101
1
⁄2fint
110
1
⁄2fint
111
1
⁄2fint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com