Electronic Components Datasheet Search
  English  ▼

X  

TDA8029C2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 10Page - NXP Semiconductors TDA8029C2 Datasheet HTML 11Page - NXP Semiconductors TDA8029C2 Datasheet HTML 12Page - NXP Semiconductors TDA8029C2 Datasheet HTML 13Page - NXP Semiconductors TDA8029C2 Datasheet HTML 14Page - NXP Semiconductors TDA8029C2 Datasheet HTML 15Page - NXP Semiconductors TDA8029C2 Datasheet HTML 16Page - NXP Semiconductors TDA8029C2 Datasheet HTML 17Page - NXP Semiconductors TDA8029C2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
14 of 59
Philips Semiconductors
TDA8029
Low power single card reader
8.2.4 Baud rate generator mode
Bits TCLK and/or RCLK in register T2CON allow the serial port transmit and receive baud
rates to be derived from either timer 1 or timer 2. When TCLK = 0, timer 1 is used as the
serial port transmit baud rate generator. When TCLK = 1, timer 2 is used. RCLK has the
same effect for the serial port receive baud rate. With these two bits, the serial port can
have different receive and transmit baud rates, one generated by timer 1, the other by
timer 2.
The baud rate generation mode is like the auto-reload mode, in that a rollover in TH2
causes the timer 2 registers to be reloaded with the 16-bit value in registers RCAP2H and
RCAP2L, which are preset by software.
Fig 3.
Timer 2 in auto-reload mode with DCEN = 0
÷12
mgw423
TR2
TL2
(8-BIT)
TH2
(8-BIT)
RCAP2L
TF2
EXF2
RCAP2H
C/T2 = 0
C/T2 = 1
T2
reload
transition
detector
control
control
timer 2
interrupt
T2EX
EXEN2
OSC
Fig 4.
Timer 2 in auto-reload mode with DCEN = 1
÷12
mgw424
TR2
TL2
TH2
RCAP2L
TF2
RCAP2H
FFh
FFh
C/T2 = 0
C/T2 = 1
T2
overflow
toggle
control
interrupt
count
direction
HIGH = up
LOW = down
T2EX
(up counting reload value)
(down counting reload value)
EXF2
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com