Electronic Components Datasheet Search
  English  ▼

X  

TDA8029C2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 5Page - NXP Semiconductors TDA8029C2 Datasheet HTML 6Page - NXP Semiconductors TDA8029C2 Datasheet HTML 7Page - NXP Semiconductors TDA8029C2 Datasheet HTML 8Page - NXP Semiconductors TDA8029C2 Datasheet HTML 9Page - NXP Semiconductors TDA8029C2 Datasheet HTML 10Page - NXP Semiconductors TDA8029C2 Datasheet HTML 11Page - NXP Semiconductors TDA8029C2 Datasheet HTML 12Page - NXP Semiconductors TDA8029C2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
9 of 59
Philips Semiconductors
TDA8029
Low power single card reader
[1]
SFRs are bit addressable.
[2]
SFRs are modified from or added to the 80C51 SFRs.
[3]
RESET value depends on reset source.
[4]
Bit will not be affected by RESET.
8.1.1 Port characteristics
Port 0
(P0.7 to P0.0): Port 0 is an open-drain, bidirectional I/O timer 2 generated
commonly used baud rates port. Port 0 pins that have logic 1s written to them
float and can be used as high-impedance inputs. Port 0 is also the
multiplexed low-order address and data bus during access to external
program and data memory. In this application, it uses strong internal pull-ups
when emitting logic 1s. Port 0 also outputs the code bytes during program
verification and received code bytes during EPROM programming. External
pull-ups are required during program verification.
Port 1
(P1.7 to P1.0): Port 1 is an 8-bit bidirectional I/O-port with internal pull-ups.
Port 1 pins that have logic 1s written to them are pulled HIGH by the internal
pull-ups and can be used as inputs. As inputs, port 1 pins that are externally
RACAP2L
[2]
timer 2
capture low
CA
-
-
-
----
-
0000 0000
SADDR [2]
slave
address
A9
-
-
-
----
-
0000 0000
SADEN [2]
slave
address
mask
B9
-
-
-
----
-
0000 0000
SBUF
serial data
buffer
99
-
-
-
----
-
xxxx xxxx
SCON [1]
serial control
98
SM0/FE SM1
SM2
REN
TB8
RB8
TI
RI
0000 0000
9F
9E
9D
9C
9B
9A
99
98
SP
stack pointer
81
0000 0111
TCON [1]
timer control
88
TF1
TR1
TF0
TE0
IE1
IT1
IE0
IT0
0000 0000
8F
8E
8D
8C
8B
8A
89
88
T2CON [1]
timer 2
control
C8
TF2
EXF2
RCLK TCLK
EXEN2
TR2
C/T2
CP/RL2 0000 0000
CF
CE
CD
CC
CB
CA
C9
C8
T2MOD [2]
timer 2 mode
control
C9
-
-
-
-
-
-
T2OE
DCEN
xxxx xx00
TH0
timer high 0
8C
-
-
-
----
-
0000 0000
TH1
timer high 1
8D
-
-
-
----
-
0000 0000
TH2 [2]
timer high 2
CD
-
-
-
----
-
0000 0000
TL0
timer low 0
8A
-
-
-
----
-
0000 0000
TL1
timer low 1
8B
-
-
-
----
-
0000 0000
TL2 [2]
timer low 2
CC
-
-
-
----
-
0000 0000
TMOD
timer mode
89
GATE
C/TM1
M0GATE
C/T
M1
M0
0000 0000
Table 5:
Embedded C51 controller special function registers …continued
Symbol
Description
Addr
(hex)
Bit address, symbol or alternative port function
Reset
value
(binary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com