Electronic Components Datasheet Search
  English  ▼

X  

TDA8029C2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 45Page - NXP Semiconductors TDA8029C2 Datasheet HTML 46Page - NXP Semiconductors TDA8029C2 Datasheet HTML 47Page - NXP Semiconductors TDA8029C2 Datasheet HTML 48Page - NXP Semiconductors TDA8029C2 Datasheet HTML 49Page - NXP Semiconductors TDA8029C2 Datasheet HTML 50Page - NXP Semiconductors TDA8029C2 Datasheet HTML 51Page - NXP Semiconductors TDA8029C2 Datasheet HTML 52Page - NXP Semiconductors TDA8029C2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
49 of 59
Philips Semiconductors
TDA8029
Low power single card reader
ICC
output current
5 V card; VCC = 0 V to 5 V
-
-
65
mA
3 V card; VCC = 0 V to 3 V;
VDD > 3.0 V
-
-
65
mA
3 V card; VCC = 0 V to 3 V;
VDD < 3.0 V
-
-
50
mA
1.8 V card; VCC = 0 V to
1.8 V;
-
-
30
mA
VCC shorted to ground
(current limitation)
-
-
120
mA
SRr, SRf
slew rate, rise and fall
maximum load
capacitor = 300 nF
0.05
0.16
0.22
V/
µs
Vripple(p-p)
ripple voltage on VCC
(peak-to-peak value)
20 kHz<f<200 MHz
-
-
350
mV
Data line: pin I/O, with an integrated 14k
Ω pull-up resistor to VCC
VO(inactive)
output voltage inactive no load
0
-
0.1
V
IO(inactive) = 1 mA
-
-
0.3
V
IO(inactive)
current from I/O
inactive; pin grounded
-
-
−1mA
VOL
LOW-level output
voltage
I/O configured as output;
IOL =1mA
0
-
0.3
V
VOH
HIGH-level output
voltage
I/O configured as output;
VCC = 5 V or 3 V
IOH < −40 µA
0.75VCC
-VCC + 0.25 V
IOH < −20 µA
0.8VCC
-VCC + 0.25 V
IOH = 0 A
0.9VCC
-VCC + 0.25 V
VIL
LOW-level input
voltage
I/O configured as input
−0.3
-
+0.8
V
VIH
HIGH-level input
voltage
I/O configured as input
1.5
-
VCC
V
IIL
input current LOW
VIL =0V
-
-
500
µA
ILI(H)
input leakage current
HIGH
VIH =VCC
--
10
µA
ti(T)
input transition time
CL ≤ 65 pF
-
-
1
µs
to(T)
output transition time
CL ≤ 65 pF
-
-
0.1
µs
Rpu
internal pull-up
resistance between
I/O and VCC
11
14
17
k
Ω
tedge
width of active pull-up
pulse
I/O configured as output,
rising from LOW to HIGH
2/fXTAL1
-
3/fXTAL1
ns
Iedge
current from I/O when
active pull-up
VOH = 0.9VCC, C=60pF
−1
--mA
Timings
tact
activation sequence
duration
-
-
130
µs
tde
deactivation
sequence duration
-
-
100
µs
Table 75:
Characteristics …continued
VDD =VDCIN = 3.3 V; Tamb =25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com