Electronic Components Datasheet Search
  English  ▼

X  

T108 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 17Page - List of Unclassifed Manufacturers T108 Datasheet HTML 18Page - List of Unclassifed Manufacturers T108 Datasheet HTML 19Page - List of Unclassifed Manufacturers T108 Datasheet HTML 20Page - List of Unclassifed Manufacturers T108 Datasheet HTML 21Page - List of Unclassifed Manufacturers T108 Datasheet HTML 22Page - List of Unclassifed Manufacturers T108 Datasheet HTML 23Page - List of Unclassifed Manufacturers T108 Datasheet HTML 24Page - List of Unclassifed Manufacturers T108 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
21
2.6.4.3 Row Attribute Character Type Format (RAtt_C)
This RAtt_C is a must-have attribute for each menu row, and those content in OSD1 memory followed will be
rendering as characters, not other row attributes except exceeding the row length (see Row_Length[5:0] below).
Bit
Symbol
Description
[15:13]
RAtt_ID = 000b
Must set value 000b for RAtt_C
[12]
Skip_This
When set to 1, the following one character row of current thread menu could be
skipped, and continues the next row instead.
[11]
End_After
When set to 1, the following all character rows of current thread menu will be
skipped.
[10]
BG_RGB[2]
Background color bit 2, combined with the BG_Color[1:0] in each character
become 3 bits to select background remap color.
[9:8]
CharHeight_Scale[1:0] Defines the enlarge ratio (x1, x2, x3, x4) of the character height of the menu
rows following and after.
[7:6]
CharWidth_Scale[1:0] Defines the enlarge ratio (x1, x2, x3, x4) of the character width of the menu rows
following and after.
[5:0]
Row_Length[5:0]
Indicates the following character row length (how many characters), valid value
range is 1 to 63.
2.6.4.4 Row Attribute Dummy Type Format (RAtt_D)
This RAtt_D is a dummy attribute, it is used for replacing other non-RAtt_C type attributes when changing
rendering behavior if need, also it is used when switch between rows with different BDS behavior, 4 lines will be
inserted.
Bit
Symbol
Description
[15:0]
RAtt_ID = E001h
Must set value E001h for RAtt_D
2.6.4.5 Row Attribute Gap Type Format (RAtt_G)
This RAtt_G is used to insert fix vertical null lines between menu rows.
Bit
Symbol
Description
[15:13]
RAtt_ID = 001b
Must set value 001b for RAtt_G
[12:11]
Reserved
[10:0]
Gap[10:0]
Line number inserted before the following menu row.
2.6.4.6 Row Attribute Jump Menu Type Format (RAtt_J)
This RAtt_J is used to redirect menu to other assigned new menu block in OSD1 memory. This is useful for
controlling menu flows.
Bit
Symbol
Description
[15:14]
RAtt_ID = 10b
Must set value 10b for RAtt_J
[13]
Jump_En
Set to 1 enables the menu jump to new assigned address in RAtt_J<12:0>.
When set to 0, this RAtt_J has no effect.
[12:0]
Jump_MenuA[12:0]
Jump to the OSD1 RAM address, which should still point to a row attribute of
menu.
《液 晶 之 家》 www.fpdclub.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com