Electronic Components Datasheet Search
  English  ▼

X  

T108 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 35Page - List of Unclassifed Manufacturers T108 Datasheet HTML 36Page - List of Unclassifed Manufacturers T108 Datasheet HTML 37Page - List of Unclassifed Manufacturers T108 Datasheet HTML 38Page - List of Unclassifed Manufacturers T108 Datasheet HTML 39Page - List of Unclassifed Manufacturers T108 Datasheet HTML 40Page - List of Unclassifed Manufacturers T108 Datasheet HTML 41Page - List of Unclassifed Manufacturers T108 Datasheet HTML 42Page - List of Unclassifed Manufacturers T108 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
39
[4]
R/W
PD0 (R)
1: Power down
0: Power up
[3:1]
R/W
Reserved
[0]
RO
Reserved
3.1.11
ADC Polarity Control
Address Offset:
10h
Access:
Read/Write
Default Value:
E8h
Size:
8 bits
Bit
Access
Symbol
Description
[7]
RO/WO
HSi_Polarity / HSi_Inv_ When Read: get input HSync polarity
When writing, to invert (0) or non-invert (1) input HSync
[6]
RO/WO
VSi_Polarity / VSi_Inv_ When Read: get input VSync polarity
When writing, to invert (0) or non-invert (1) input VSync
[5]
R/W
SOY_Inv_
For invert (0) or non-invert (1) input SOY
[4]
R/W
Auto_Polarity
Set to 1 for enabling auto-adjusting HSync/VSync polarity.
[3]
R/W
Clamp_Polarity
Set to 1 for controlling Clamp positive polarity.
[2]
R/W
Clamp_Sel_GfbHS
Set to 1 to use PLL feedback HSync as clamp reference
[1]
R/W
Clamp_Leading
Set to 1 to use leading edge of HSync as clamp reference point.
[0]
R/W
Clamp_Sel_RGB
Clamp control by: 1: RGB/SOY logic, 0: VD logic.
3.1.12
YPbPr Clamping Control Register
Address Offset:
11h
Access:
Read/Write
Default Value:
98h
Size:
8 bits
Bit
Access
Symbol
Description
[7:5]
R/W
SOY_Threshold
Voltage threshold for SOY slicing
[4:3]
R/W
SOY_Discharge
SOY Discharge option
[2]
R/W
BSCALE
ADC Channel 2 Clamping Mode
0: Clamp to Ground; 1: Clamp to mid-scale
[1]
R/W
GSCALE
ADC Channel 1 Clamping Mode
0: Clamp to Ground; 1: Clamp to mid-scale
[0]
R/W
RSCALE
ADC Channel 0 Clamping Mode
0: Clamp to Ground; 1: Clamp to mid-scale
3.1.13
SOY Slice Control
Address Offset:
12h
Access:
Read/Write
Default Value:
06h
Size:
8 bits
Bit
Access
Symbol
Description
[7]
RO/WO Done_ / En_Slicer_Status When read: get flag of Slicer status ready or not
When write, to enable monitoring Slicer status
[6:5]
RO
Slicer_Status
0:Slicer always low, 1: always high, 2: almost low, 3: almost high
[4]
R/W
Reserved
[3:2]
R/W
SOY_ClampPlacement SOY Clamp Placement
[1:0]
R/W
SOY_ClampDuration
SOY Clamp Duration.
《液 晶 之 家》 www.fpdclub.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com