Electronic Components Datasheet Search
  English  ▼

X  

T108 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 29Page - List of Unclassifed Manufacturers T108 Datasheet HTML 30Page - List of Unclassifed Manufacturers T108 Datasheet HTML 31Page - List of Unclassifed Manufacturers T108 Datasheet HTML 32Page - List of Unclassifed Manufacturers T108 Datasheet HTML 33Page - List of Unclassifed Manufacturers T108 Datasheet HTML 34Page - List of Unclassifed Manufacturers T108 Datasheet HTML 35Page - List of Unclassifed Manufacturers T108 Datasheet HTML 36Page - List of Unclassifed Manufacturers T108 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
33
2.7.3
OSD1 Pattern Fill Configuration Registers
2.7.3.1 OSD1 Pattern_Fill Enable/Blinking Register
Address Offset:
OSD1PF_00h
Access:
Read/Write
Default Value:
0Ah
Size:
8 bits
Bit
Access
Symbol
Description
[7]
R/W
OSD1PF_En
Set to 1 for globally enabling OSD1 Pattern Fill function.
[6]
R/W
Reserved
[5:4]
R/W
CRAM_ByteAccess[1:0] Byte Access mode when programming character of menu:
0Xb: Word access (LSB first, then MSB byte)
10b: LSB only (not affect font index >= 256)
11b: MSB only (character BG/FG colors, Blinking, and Index bit 8)
[3:0]
R/W
Reserved
2.7.3.2 OSD1 Pattern_Fill LUT Address Register
Address Offset:
OSD1PF_08h
Access:
Write Only
Default Value:
00h
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
WO
LUT_A[8:1]
Assign access pointer of Color LUT. When assigning, LUT_A[0]
always = 0. LUT[0..255] are main color LUT (16-bits); LUT[256..271]
are Char2BP remap LUT (24-bits); LUT[272..273]are BMP remap LUT
(24-bits).
2.7.3.3 OSD1 Pattern_Fill LUT Data Port Register
Address Offset:
OSD1 PF _09h
Access:
Write Only
Default Value:
00h
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
WO
LUT_D[7:0]
Data written to this port will overwrite OSD2 LUT.
2.7.3.4 OSD1 Pattern_Fill Control Register
Address Offset:
OSD1 PF _30h
Access:
Read/Write
Default Value:
48h
Size:
8 bits
Bit
Access
Symbol
Description
[7]
R/W
Patt_En
Set to 1 enable Pattern_Fill to display
[6:4]
R/W
Patt_ColorDepth[2:0]
Defines nBP color:
000b: 8BPP
001b: 1BPP
010b: 2BPP
011b: 3BPP
100b: 4BPP
101b: 5BPP
110b: 6BPP
111b: 7BPP
[3:2]
R/W
Patt_RAM_Bit[1:0]
Defines the usage in Pattern RAM:
00b: 1 bit/pixel
01b: 2 bits/pixel
10b: 4 bits/pixel
11b: 8 bits/pixel
[1]
R/W
Patt_Independ_AB
Set to 1 for independent Alpha-Blending setting for Pattern_Fill;
set to 0 for by OSD1_0B
[0]
WO
Reset_PRAM_Pointer Write 1 to reset the Pattern RAM pointer for loading pattern data
《液 晶 之 家》 www.fpdclub.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com