Electronic Components Datasheet Search
  English  ▼

X  

T108 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 41Page - List of Unclassifed Manufacturers T108 Datasheet HTML 42Page - List of Unclassifed Manufacturers T108 Datasheet HTML 43Page - List of Unclassifed Manufacturers T108 Datasheet HTML 44Page - List of Unclassifed Manufacturers T108 Datasheet HTML 45Page - List of Unclassifed Manufacturers T108 Datasheet HTML 46Page - List of Unclassifed Manufacturers T108 Datasheet HTML 47Page - List of Unclassifed Manufacturers T108 Datasheet HTML 48Page - List of Unclassifed Manufacturers T108 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
45
3.2 Input Timing Register Set
3.2.1
De-Interlaced Process & Vertical Shadow Control Register
Address Offset:
30h
Access:
Read/Write
Default Value:
82h
Size:
8 bits
Bit
Access
Symbol
Description
[7:6]
RO
Reserved
[5]
R/W
VST_CHGSEL
1:Vsync timing change determined by 8*# of XCLK
0:Vsync timing change determined by # of hsync (default)
# can be assigned at Reg 0x3A
[4]
R/W
INT_EDGE
Interrupt polarity
1: positive
0: negative (default)
[3]
R/W
LB_SIZE_FIXED
This bit control capture size for Scaler.
1: Hsize and Vsize are assigned by 54h ~57h
0: sizes assigned by input sources. (default)
[2]
R/W
ENQKHS
Reserved for chip teset only, set to 0 for normal operation
[1]
R/W
ITLCPRO
Set 1 for interlaced video (default)
Set 0 for non-interlaced video
[0]
R/W
ADC_Odd_in_HsVs
Set to 1 for enabling detecting Odd flag from HS/VS pins
3.2.2
Source Select Register
Address Offset:
31h
Access:
Read/Write
Default Value:
04h
Size:
8 bits
Bit
Access
Symbol
Description
[7]
RO
ITLCFLM
Indicates incoming video signal is interlaced if get 1
[6:4]
R/W
VIP_Sel[2:0]
Select the digital input source (VIP: Video Input):
000: A656
001: B656
010: L601_8bits
011: L601_16bits
100: Reserved
101: RGB565
110: RGB666
111: RGB888
[3:2]
R/W
InSource_Sel[1:0]
Select the input source:
00: Digital VIP input
01: select VD input (CVBS, S-Video, YPbPr)
10: Select ADC RGB, SOY(YPbPr)
11: Reserved
[1]
RO
Reserved
[0]
RO
VBI_Field
Current VBI field information
《液 晶 之 家》 www.fpdclub.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com