Electronic Components Datasheet Search
  English  ▼

X  

T108 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 81Page - List of Unclassifed Manufacturers T108 Datasheet HTML 82Page - List of Unclassifed Manufacturers T108 Datasheet HTML 83Page - List of Unclassifed Manufacturers T108 Datasheet HTML 84Page - List of Unclassifed Manufacturers T108 Datasheet HTML 85Page - List of Unclassifed Manufacturers T108 Datasheet HTML 86Page - List of Unclassifed Manufacturers T108 Datasheet HTML 87Page - List of Unclassifed Manufacturers T108 Datasheet HTML 88Page - List of Unclassifed Manufacturers T108 Datasheet HTML 89Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
87
4.5 I²C Host Interface Timing
Table 4-5 I
2C Host Interface Timing
Parameter
Min
Typ
Max
t1
Bus free time between a Stop and Start condition
4.7us
t2
Hold time (repeated) Start condition
4.0us
t3
Rise time of both SDA and SCL
1000ns
t4
Data hold time
5.0us
t5
Data setup time
250ns
t6
Fall time of both SDA and SCL
300ns
t7
Setup time for a repeated Start condition
4.7us
t8
Setup time for Stop condition
4.0us
tLow
Low period of the SCL
4.7us
tHigh
High period of the SCL
4.0us
fSCL
SCL clock frequency
1Mhz
Cb
Capacitive load for each bus line
400pF
Stop Start
Stop
t1
t2
t3
t4
t5
t6
t7
t8
tLow
tHigh
Figure 4-1 I
2C Timing
《液 晶 之 家》 www.fpdclub.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com