Electronic Components Datasheet Search
  English  ▼

X  

T108 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 45Page - List of Unclassifed Manufacturers T108 Datasheet HTML 46Page - List of Unclassifed Manufacturers T108 Datasheet HTML 47Page - List of Unclassifed Manufacturers T108 Datasheet HTML 48Page - List of Unclassifed Manufacturers T108 Datasheet HTML 49Page - List of Unclassifed Manufacturers T108 Datasheet HTML 50Page - List of Unclassifed Manufacturers T108 Datasheet HTML 51Page - List of Unclassifed Manufacturers T108 Datasheet HTML 52Page - List of Unclassifed Manufacturers T108 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
49
3.2.17
ADC Capture Control Register
Address Offset:
47h
Access:
Read/Write
Default Value:
00h
Size:
8 bits
Bit
Access
Symbol
Description
[7]
R/W
Mask_H_Left
Set to 1 for mask left portion when wrap.
[6]
R/W
Mask_H_Right
Set to 1 for mask right portion when wrap.
[5]
R/W
Mask_V_Top
Set to 1 for mask top portion when wrap.
[4]
R/W
Mask_V_Bottom
Set to 1 for mask bottom portion when wrap.
[3:1]
RO
Reserved
[0]
R/W
Reserved
Reserved for chip test only
3.2.18
ADC Capture HSize LSB Register
Address Offset:
48h
Access:
Read/Write
Default Value:
00h
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
R/W
ADC_HSize[7:0]
ADC Capture window: Horizontal Size (# dots).
3.2.19
ADC Capture HSize MSB Register
Address Offset:
49h
Access:
Read/Write
Default Value:
02h
Size:
8 bits
Bit
Access
Symbol
Description
[7:3]
RO
Reserved
[2:0]
R/W
ADC_HSize[10:8]
ADC Capture window: Horizontal Size (# dots).
3.2.20
ADC Capture VSize LSB Register
Address Offset:
4Ah
Access:
Read/Write
Default Value:
E0h
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
R/W
ADC_VSize[7:0]
ADC Capture window: Vertical Size (# lines).
3.2.21
ADC Capture VSize MSB Register
Address Offset:
4Bh
Access:
Read/Write
Default Value:
01h
Size:
8 bits
Bit
Access
Symbol
Description
[7:2]
RO
Reserved
[1:0]
R/W
ADC_VSize[9:8]
ADC Capture window: Vertical Size (# lines).
3.2.22
ADC Capture HSync Back Porch LSB Register
Address Offset:
4Ch
Access:
Read/Write
Default Value:
10h
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
R/W
ADC_HStart[7:0]
ADC Capture window: HSync Start Point (# dots).
《液 晶 之 家》 www.fpdclub.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com