Electronic Components Datasheet Search
  English  ▼

X  

AS2702 Datasheet(PDF) 8 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 8 Page - ams AG

Back Button AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 8 of 13
output, or
input
depending on the IO-configuration code, written and stored in the slave device.
The timing of the data transfer is presented in Figure 4.
Strobe signal PSTBn flags and governs the data transfer as follows:
a)
parameter port is set ‘output’:
output data become valid upon the HL-edge of the strobe and will remain so until the next HL-edge, hence during the entire
strobe cycle;
b)
parameter port is set ‘input’:
input data to be valid within a specific time window relative to the HL-edge of the strobe, after completion of the strobe’s L-
phase.
Output data as per a) could be easily latched with the LH-edge of strobe PSTBn, if at all necessary.
Parameter out
Data in
t
STB
t
PSTBn + tOUTOFF
t
PSTBn
t
INPmin
t
INPmax
Px
Px
PSTBn
Parameter out
Figure 4
Timing of data transfer at parameter port P3, …, P0 relative to strobe PSTBn
The following table specifies the timing parameters relating to Figure 4:
Symbol
Parameter
Min
Max
Unit
Note
tSTB
Delay PSTBn HL-edge to Px output data valid
1.5
µs
tPSTBn
PSTBn strobe width
6
6.8
µs
1
tINP
Input data valid time window
10.5
12.5
µs
2
Notes:
1
Pulse width depends substantially on value of external pull-up resistor
2
Timing reference is PSTBn HL-edge.
Applies only to parameter port set to 'input' operation
The dc-parameters of the parameter port pins P3, …, P0 are specified as follows:
Symbol
Parameter
Min
Max
Unit Note
IOUTLO
Sink current @ output L
10
mA VOUT = 1V
IOUTHI
Leakage current @ output off
-10
10
µA
VOUT = 5V
IOUTHI7
Leakage current @ output off; pull-up current source off
-1
1
µA
VOUT = 5V; IO-conf. = 7
IINLO
Input current @ VIN = 1V
-5
-20
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com