Electronic Components Datasheet Search
  English  ▼

X  

AS2702 Datasheet(PDF) 5 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 5 Page - ams AG

  AS2702 Datasheet HTML 1Page - ams AG AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 5 of 13
Buffer Pin CDC
An external buffer capacitor with a recommended value of 100nF should be connected to this pin to ensure a sufficiently high input
impedance Z at power supply pin LTGP.
Voltage at this pin can be as high as VLTGP.
Nom. 24V Power Supply Output UOUT
The supply output voltage at UOUT is directly derived from VLTGP and regulated to a level with an offset of about -6V relative to
VLTGP.
UOUT provides bias to the sensors and actuators circuitry connected to the slave device as well as to the LEDs connected to
outputs LED1 and LED2.
UOUT is equipped with a thermal overload protection, which foresees that VUOUT is switched off as soon as the slave device’s
substrate temperature TJ passes a threshold value in the range of (155
±20)°C.
After TJ has come down and has passed a temperature threshold about (15
±5)°C lower than (155 ±20)°C and after a consecutive
minimum delay time of 1s has elapsed, VUOUT is switched on again.
Symbol
Parameter
Min
Max
Unit
Note
VUOUT
Power supply output voltage
VLTGP - 6.3V
VLTGP - 5.3V
V
IUOUT
Load current
50
mA
1
VCOMOFF UOUT voltage level
9.5
10.5
V
below which data transmission is inhibited
CUOUT
Buffer capacitor
10
µF
2
Notes:
1
In case IUOUT >40mA and presence of sin2-data pulses on LTGP with VSIG >3V, VUOUT may drop as much as 1V below it’s
level in unloaded condition
2
Electrolytic and rf filter capacitor in parallel
Nom. 5V Power Supply Output U5R
The voltage at U5R is derived from the voltage present at UOUT, as long as UOUT is not switched off due to overload. In the latter
case U5R is derived from an alternative voltage out of the UOUT voltage regulator, which is more or less similar to VUOUT in non
switched off condition of UOUT. As a result VU5R is not affected by overload condition at UOUT and will remain.
Symbol
Parameter
Min
Max
Unit
VU5R
Power supply output voltage
4.85
5.15
V
IU5R
Load current
1
mA
CU5R
Buffer capacitor
470
nF
Oscillator Pins OSC1 and OSC2
The only component to be connected to these pins is a quartz crystal with a resonance frequency of 5.333333 MHz (AS-Interface
quartz crystal).
Symbol
Parameter
Min
Max
Unit
CX2
Stray capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com