Electronic Components Datasheet Search
  English  ▼

X  

AS2702 Datasheet(PDF) 6 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 6 Page - ams AG

Back Button AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 6 of 13
Data Port Pins D3, …, D0 and Data Strobe Pin DSTBn
Basically data port D3, …, D0 is designed for bidirectional data transfer out of and into the slave device. Each data port pin is
equipped with both a low-side open-drain output stage as well as an input stage to this purpose.
Depending on the so-called IO-configuration code, written and stored in the slave device, each data port pin is individually set to
behave as
output, or
output/input, or
input.
The timing of the data transfer is presented in Figure 3.
Strobe signal DSTBn flags and governs the data transfer as follows:
a)
data port pin is set ‘output’:
output data become valid upon the HL-edge of the strobe and will remain so until the next HL-edge, hence during the entire
strobe cycle;
b)
data port pin is set ‘output/input’:
output data become valid upon the HL-edge of the strobe and will remain so until it’s LH-edge; input data to be valid within a
specific time window relative to the HL-edge, after completion of the strobe’s L-phase;
c)
data port pin is set ‘input’:
input data to be valid within a specific time window relative to the HL-edge of the strobe, after completion of the strobe’s
L-phase.
If necessary, output data as per a) and b) can be easily latched with the LH-edge of strobe DSTBn as they will remain valid for
about 0.4µs beyond as a minimum.
Care must be taken however, that signal delay added by external circuitry is lower for the strobe than for the data.
Data in
Data out
Data in
Data out
t
STB
t
DSTBn + 0.4 µs
t
DSTBn + tOUTOFF
t
DSTBn
t
INPmin
t
INPmax
Dx
Dx
DSTBn
Figure 3
Timing of data transfer at data port D3, …, D0 relative to strobe DSTBn
The following table specifies the timing parameters relating to Figure 3:
Symbol
Parameter
Min
Max
Unit
Note
tSTB
Delay DSTBn HL-edge to Dx output data valid
1.5
µs
tDSTBn
DSTBn strobe width
6
6.8
µs
1
tOUTOFF
Delay DSTBn LH-edge to Dx output off
0.2
1
µs
2
tINP
Input data valid time window
10.5
12.5
µs
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com