Electronic Components Datasheet Search
  English  ▼

X  

AS2702 Datasheet(PDF) 9 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 9 Page - ams AG

Back Button AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG AS2702 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 9 of 13
Symbol
Parameter
Min
Max
Unit Note
VSCHLT
Input threshold voltage
2.5
3.5
V
2
VIN
Acceptable input voltage @ output off
-0.3
40
V
Notes:
1
The passive high-side current-source provides an about constant input current @ 0V <= VIN <= 4V
2
No hysteresis implemented
Though equipped for bidirectional data transfer as D3, …, D0, the parameter port is nevertheless less flexible than the data port.
Note the following differences:
a)
The parameter port is set portwise, the data port bitwise by the IO-configuration code;
b)
The parameter port can only be set to either ‘output’ or ‘input’. A bidirectional behaviour within a strobe cycle is not possible;
c)
The parameter port is set to ‘output’ as a rule; the only exception occurs in case of IO-configuration 7 and a master data
request, which set it to ‘input’.
To govern the data transfer at the parameter port P3, …, P0 strobe pin PSTBn is equipped with a low-side open-drain output switch
plus a passive high-side current source with a nom. 10µA pull-up current capability. Typically the PSTBn-strobe width is about 6µs
see Figure 4. (However to simplify and shorten the component test time of the slave device, the PSTBn pin is also used as an input.
Input low pulses of more than 50µs each will step and cycle the device through 3 different test modes beyond the regular operation
as described in this datasheet.)
The dc- and timing parameters of strobe pin PSTBn are specified as follows:
Symbol
Parameter
Min
Max
Unit Note
IOUTLO
Sink current @ output L
10
mA VOUT = 1V
IOUTHI
Leakage current @ output off
-10
10
µA
VOUT = 5V
IINLO
Input current @ VIN = 1V
-5
-20
µA
1
VSCHLT
Input threshold voltage
1.5
3.5
V
2
VIN
Acceptable input voltage @ output off
-0.3
40
V
tNOTM
PSTBn L-phase width, not triggering test mode
35
µs
tTM
PSTBn L-phase width, triggering test mode
50
µs
CPINEXT
Stray capacitance
20
pF
Notes:
1
PSTBn is equipped with an on-chip pull-up current source, which ensures a sufficiently fast LH-edge upon output switch-off in
open-pin condition, to prevent erroneous test mode triggering.
If PSTBn has an external load connected to it, an additional external pull-up resistor may be needed to prevent erroneous test
mode triggering upon output switch-off
2
No hysteresis implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com